Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1002 Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

No. de pieza TS1002
Descripción Electrónicos  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002 Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS1002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 11Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 12Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 13Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TS1002/TS1004
Page 10
TS1002_4DS r1p0
RTFDS
In the event that an external RLOAD in parallel with
CLOAD appears in the application, the use of an RISO
results in gain accuracy loss because the external
series RISO forms a voltage-divider with the external
load resistor RLOAD.
Configuring the TS1002 or the TS1004 into a
Nanowatt Analog Comparator
Although optimized for use as an operational
amplifier, these amplifiers can also be used as a rail-
to-rail I/O comparator as illustrated in Figure 7.
External hysteresis can be employed to minimize the
risk of output oscillation. The positive feedback
circuit causes the input threshold to change when
the output voltage changes state. The diagram in
Figure 8 illustrates the
amplifiers’ analog comparator
hysteresis band and output transfer characteristic.
The design of an analog comparator using the
TS1002 or the TS1004 is straightforward. In this
application, a 1.5-V power supply (VDD) was used
and the resistor divider network formed by RD1 and
RD2 generated a convenient reference voltage
(VREF) for the circuit at ½ the supply voltage, or
0.75V, while keeping the current drawn by this
resistor divider low. Capacitor C1 is used to filter any
extraneous
noise
that
could
couple
into
the
amplifer’s inverting input.
In this application, the desired hysteresis band was
set to 100mV (VHYB) with a desired high trip-point
(VHI) set at 1V and a desired low trip-point (VLO) set
at 0.9V.
Since these amplifers draw very little supply current
(0.6µA per amplifier, typical), it is desired that the
design
of
an
analog
comparator
using
these
amplfiers should also use as little current as
practical. The first step in the design, therefore, was
to set the feedback resistor R3:
R3 = 10MΩ
Calculating a value for R1 is given by the following
expression:
R1 = R3 x (VHYB/VDD)
Substituting VHYB = 100mV, VDD = 1.5V, and R3 =
10MΩ into the equation above yields:
R1 = 667kΩ
The following expression was then used to calculate
a value for R2:
R2 = 1/[VHI/(VREF x R1) – (1/R1) – (1/R3)]
Substituting VHI = 1V, VREF = 0.75V, R1 = 667kΩ,
and R3 = 10MΩ into the above expression yields:
R2 =
2.5MΩ
Figure 8: Analog Comparator Hysteresis Band and Output
Switching Points.
Figure 7: A NanoWatt Analog Comparator with User-
Programmable Hysteresis.
Figure 6: TS1002/TS1004 Transient Response for RISO = 50kΩ
and CLOAD = 500pF.
VIN
VOUT


Número de pieza similar - TS1002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1002IM8 SILABS-TS1002IM8 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1002IM8T SILABS-TS1002IM8T Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
More results

Descripción similar - TS1002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com