Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC5525F Datasheet(PDF) 7 Page - Sanken electric

No. de pieza LC5525F
Descripción Electrónicos  LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5525F Datasheet(HTML) 7 Page - Sanken electric

Back Button LC5525F Datasheet HTML 3Page - Sanken electric LC5525F Datasheet HTML 4Page - Sanken electric LC5525F Datasheet HTML 5Page - Sanken electric LC5525F Datasheet HTML 6Page - Sanken electric LC5525F Datasheet HTML 7Page - Sanken electric LC5525F Datasheet HTML 8Page - Sanken electric LC5525F Datasheet HTML 9Page - Sanken electric LC5525F Datasheet HTML 10Page - Sanken electric LC5525F Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
SANKEN ELECTRIC CO., LTD.
LC5500-AN, Rev.1.2
Figure 7. TO-220F-7L (Sanken leadform number 3052) package drawing
±0.2
=5.85±0.15
5×P1.17±0.15
±0.2
(1.1)
±0.2
7
6
5
4
3
2
1
10
7-0.55
+0.2
-0.1
7-0.62 ±0.15
2 ±0.15
4.2
2.6
±0.1
2.6
R-end
Front View
Side View
-0.1
+0.2
0.45
5.08±0.6
0.5
0.5
0.5
0.5
b
a
Gate burr
LC
(At base of pin)
(At base of pin)
(At tip of pin)
Unit:
mm
a: Part # 55xxF
b: Lot number
1
st
letter: Last digit of year
2
nd
letter: Month
Jan to September: Numeric
October: O
November: N
December: D
3
rd
and 4
th
letter: Date
01 to 31: Numeric
5
th
letter: Internal use control number
Package: TO-220F-7L
Leadframe material: Cu
Pin treatment: Solder dip
Weight: Approximately 1.45 g
Note: "Gate Burr" shows area
where 0.3 mm (max) gate burr
may be present.
Leadform 3052
Pin treatment Pb-free. Device composition
compliant with the RoHS directive.


Número de pieza similar - LC5525F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5525F SANKEN-LC5525F Datasheet
392Kb / 11P
   Hybrid IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
More results

Descripción similar - LC5525F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5560LD SANKEN-LC5560LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com