Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC79M12CT Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC79M12CT
Descripción Electrónicos  THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC79M12CT Datasheet(HTML) 1 Page - Motorola, Inc

  MC79M12CT Datasheet HTML 1Page - Motorola, Inc MC79M12CT Datasheet HTML 2Page - Motorola, Inc MC79M12CT Datasheet HTML 3Page - Motorola, Inc MC79M12CT Datasheet HTML 4Page - Motorola, Inc MC79M12CT Datasheet HTML 5Page - Motorola, Inc MC79M12CT Datasheet HTML 6Page - Motorola, Inc MC79M12CT Datasheet HTML 7Page - Motorola, Inc MC79M12CT Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC79M00
Series
THREE–TERMINAL
NEGATIVE FIXED
VOLTAGE REGULATORS
DT–1 SUFFIX
PLASTIC PACKAGE
CASE 369
(DPAK)
DT SUFFIX
PLASTIC PACKAGE
CASE 369A
(DPAK)
Pin 1. Ground
2. Input
3. Output
STANDARD APPLICATION
A common ground is required between the input
and the output voltages. The input voltage must
remain typically 1.1 V more negative even during
the high point of the input ripple voltage.
These two digits of the type number indicate
nominal voltage.
Cin is required if regulator is located an
appreciable distance from power supply filter.
CO improve stability and transient response.
MC79MXX
Input
Cin*
0.33
µF
Output
CO**
1.0
µF
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface
connected to Pin 2.
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
3
1
2
3
1
2
3
1
XX,
*
**
Order this document by MC79M00/D
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Negative
Voltage Regulators
The MC79M00 series of fixed output negative voltage regulators are
intended as complements to the popular MC78M00 series devices.
Available in fixed output voltage options of –5.0, –8.0, –12 and –15 V,
these regulators employ current limiting, thermal shutdown, and safe–area
compensation – making them remarkably rugged under most operating
conditions. With adequate heatsinking they can deliver output currents in
excess of 0.5 A.
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe–Area Compensation
Also Available in Surface Mount DPAK (DT) Package
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MC79M05
MC79M08
–5.0 V
–8.0 V
MC79M12
MC79M15
–12 V
–15 V
ORDERING INFORMATION
Device
Output
Voltage
Tolerance
Operating
Temperature Range
Package
MC79MXXBDT, BDT–1
40%
TJ =– 40° to +125°C
DPAK
MC79MXXBT
40%
TJ = – 40° to +125°C
Plastic Power
MC79MXXCDT, CDT–1
4.0%
TJ =0° to +125°C
DPAK
MC79MXXCT
TJ = 0° to +125°C
Plastic Power
XX indicates nominal voltage.
Representative Schematic Diagram
Gnd
VO
VI
1.1 k
2.0 k
4.0 k
0.3
10 k
10 k
20 k 20 k
20 pF
10 pF
240
750
100
This device contains 31 active transistors.
R1
R2
© Motorola, Inc. 1996
Rev 4


Número de pieza similar - MC79M12CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MC79M12CT FAIRCHILD-MC79M12CT Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
ON Semiconductor
MC79M12CT ONSEMI-MC79M12CT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M12CT ONSEMI-MC79M12CT Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M12CTG ONSEMI-MC79M12CTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M12CTG ONSEMI-MC79M12CTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
More results

Descripción similar - MC79M12CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com