Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3087 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

No. de pieza 1N3087
Descripción Electrónicos  150 Amp Avg Silicon Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Página de inicio  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N3087 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N3087 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 1N3087 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Número de pieza similar - 1N3087

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N3087 IRF-1N3087 Datasheet
85Kb / 3P
   150AMP AVG SILICON RECTIFIER DIODES
logo
Digitron Semiconductors
1N3087 DIGITRON-1N3087 Datasheet
172Kb / 3P
   HIGH POWER RECTIFIERS
More results

Descripción similar - 1N3087

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N4044 IRF-1N4044 Datasheet
99Kb / 4P
   275 Amp Avg Power Silicon Rectifier Diodes
logo
NTE Electronics
NTE6157 NTE-NTE6157 Datasheet
65Kb / 2P
   Silicon Industrial Rectifier 150 Amp, DO8
NTE6159 NTE-NTE6159 Datasheet
20Kb / 2P
   Silicon Industrial Rectifier, 150 Amp, General Purpose
NTE6154 NTE-NTE6154 Datasheet
21Kb / 2P
   Silicon Industrial Rectifier, 150 Amp, General Purpose
logo
International Rectifier
1N3085 IRF-1N3085 Datasheet
85Kb / 3P
   150AMP AVG SILICON RECTIFIER DIODES
logo
National Instruments Co...
P2H60QH15 NI-P2H60QH15_15 Datasheet
77Kb / 1P
   60A Avg 150 Volts
P2H30QH15 NI-P2H30QH15_15 Datasheet
74Kb / 1P
   30A Avg 150 Volts
P2H80QH15 NI-P2H80QH15_15 Datasheet
74Kb / 1P
   80A Avg 150 Volts
logo
International Rectifier
155CMQ015 IRF-155CMQ015 Datasheet
99Kb / 6P
   SCHOTTKY RECTIFIER 150 Amp
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com