Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI52146-A01AGM Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SI52146-A01AGM
Descripción Electrónicos  PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52146-A01AGM Datasheet(HTML) 5 Page - Silicon Laboratories

  SI52146-A01AGM Datasheet HTML 1Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 2Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 3Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 4Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 5Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 6Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 7Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 8Page - Silicon Laboratories SI52146-A01AGM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si52146
Preliminary Rev. 0.1
5
Table 2. AC Electrical Specifications
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Crystal
Long-term Accuracy
LACC
Measured at VDD/2 differential
250
ppm
Clock Input
CLKIN Duty Cycle
TDC
Measured at VDD/2
47
53
%
CLKIN Rise and Fall Times
TR/TF
Measured between 0.2 VDD and
0.8 VDD
0.5
4.0
V/ns
CLKIN Cycle to Cycle Jitter
TCCJ
Measured at VDD/2
250
ps
CLKIN Long Term Jitter
TLTJ
Measured at VDD/2
350
ps
Input High Voltage
VIH
XIN/CLKIN pin
2
VDD+0.3
V
Input Low Voltage
VIL
XIN/CLKIN pin
0.8
V
Input High Current
IIH
XIN/CLKIN pin, VIN = VDD
35
uA
Input Low Current
IIL
XIN/CLKIN pin, 0 < VIN <0.8
–35
uA
DIFF at 0.7 V
DIFF Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Any DIFF Clock Skew from the
Earliest Bank to the Latest
Bank
TSKEW(win
dow)
Measured at 0 V differential
50
ps
DIFF Cycle to Cycle Jitter
TCCJ
Measured at 0 V differential
35
50
ps
Output PCIe Gen1 REFCLK
Phase Jitter
RMSGEN1
Includes PLL BW 1.5–22 MHz,
ζ = 0.54, Td=10 ns,
Ftrk=1.5 MHz with BER = 1E-12
040
108
ps
Output PCIe Gen2 REFCLK
Phase Jitter
RMSGEN2 Includes PLL BW 8–16 MHz, Jitter
Peaking = 3 dB, ζ = 0.54,
Td=12 ns), Low Band, F < 1.5 MHz
02
3.0
ps
Output PCIe Gen2 REFCLK
Phase Jitter
RMSGEN2 Includes PLL BW 8–16 MHz, Jitter
Peaking = 3 dB, ζ = 0.54,
Td=12 ns), High Band,
1.5 MHz < F < Nyquist
02
3.1
ps
Output Phase Jitter Impact—
PCIe Gen3
RMSGEN3
Includes PLL BW 2–4 MHz,
CDR = 10 MHz)
00.5
1.0
ps
DIFF Long Term Accuracy
LACC
Measured at 0 V differential
100
ppm
DIFF Rising/Falling Slew Rate
TR/TF
Measured differentially from
±150 mV
1—
8
V/ns
Voltage High
VHIGH
——
1.15
V
Voltage Low
VLOW
–0.3
V
Crossing Point Voltage at
0.7 V Swing
VOX
300
550
mV
Enable/Disable and Setup
Clock Stabilization from
Power-up
TSTABLE
——
1.8
ms
Stopclock Set-up Time
TSS
10.0
ns


Número de pieza similar - SI52146-A01AGM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si52146-A01AGM SILABS-Si52146-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52146-A01AGM SKYWORKS-SI52146-A01AGM Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
Si52146-A01AGMR SILABS-Si52146-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52146-A01AGMR SKYWORKS-SI52146-A01AGMR Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Descripción similar - SI52146-A01AGM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
logo
Silicon Laboratories
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52142 SKYWORKS-SI52142 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com