Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3354 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3354
Descripción Electrónicos  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM3354 Datasheet(HTML) 4 Page - Texas Instruments

  AM3354 Datasheet HTML 1Page - Texas Instruments AM3354 Datasheet HTML 2Page - Texas Instruments AM3354 Datasheet HTML 3Page - Texas Instruments AM3354 Datasheet HTML 4Page - Texas Instruments AM3354 Datasheet HTML 5Page - Texas Instruments AM3354 Datasheet HTML 6Page - Texas Instruments AM3354 Datasheet HTML 7Page - Texas Instruments AM3354 Datasheet HTML 8Page - Texas Instruments AM3354 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 197 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
• Device Identification
• Inter-Processor Communication (IPC)
– Contains Electrical fuse Farm (FuseFarm) of
– Integrates Hardware-Based Mailbox for IPC
Which Some Bits are Factory Programmable
and Spinlock for Process Synchronization
Between the Cortex-A8, PRCM, and Each
Production ID
PRU
Device Part Number (Unique JTAG ID)
Mailbox Registers that Generate
Device Revision (readable by Host ARM)
Interrupts
• Debug Interface Support
– Four Initiators (Cortex-A8, PRCM,
– JTAG/cJTAG for ARM (Cortex-A8 and
PRU0, PRU1)
PRCM), PRU Debug
Spinlock has 128 Software-Assigned
– Embedded Trace Buffer (ETB)
Lock Registers
– Supports Device Boundary Scan
• Security
– Supports IEEE1500
– Crypto Hardware accelerators (AES, SHA,
• DMA
PKA, RNG)
– On-Chip Enhanced DMA Controller (EDMA)
• Boot Modes
has Three Third-Party Transfer Controllers
– Boot Mode is Selected via Boot
(TPTC) and One Third-Party Channel
Configuration Pins Latched on the Rising
Controller (TPCC), Which Supports Up to 64
Edge of the PWRONRSTn Reset Input Pin
Programmable Logical Channels and Eight
• Packages:
QDMA Channels. EDMA is Used for:
– 298-Pin S-PBGA-N298 package
Transfers to/from On-Chip Memories
(ZCE Suffix), 0.65-mm Ball Pitch
Transfers to/from External Storage (EMIF,
– 324-Pin S-PBGA-N324 package
General-Purpose Memory Controller,
(ZCZ Suffix), 0.80-mm Ball Pitch
Slave Peripherals)
1.2
Applications
Gaming Peripherals
Connected Vending Machines
Home and Industrial Automation
Weighing Scales
Consumer Medical Appliances
Educational Consoles
Printers
Advanced Toys
Smart Toll Systems
1.3
Description
The AM335x microprocessors, based on the ARM Cortex-A8, are enhanced with image, graphics
processing, peripherals and industrial interface options such as EtherCAT and PROFIBUS. The device
supports the following high-level operating systems (HLOSs) that are available free of charge from TI:
Linux®
Windows® CE
Android
The AM335x microrocessor contains these subsystems:
Microprocessor unit (MPU) subsystem based on the ARM Cortex-A8 microprocessor.
POWERVR SGX
™ Graphics Accelerator subsystem for 3D graphics acceleration to support display
and gaming effects.
Programmable Real-Time Unit Subsystem (PRUSS) enables the user to create a variety of digital
resources beyond native peripherals of the device. In addition, the PRUSS is separate from the ARM
core. This allows independent operation and clocking to give the device greater flexibility in complex
system solutions.
Note: The subsystem available on this device is the next-generation PRUSS (PRUSSv2).
4
Device Summary
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Número de pieza similar - AM3354

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3354 TI1-AM3354 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3354 TI-AM3354 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3354 TI1-AM3354 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3354 TI-AM3354 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3354 TI1-AM3354 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
More results

Descripción similar - AM3354

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com