Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX53-10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza BCX53-10
Descripción Electrónicos  SURFACE MOUNT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCX53-10 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCX53-10 Datasheet HTML 1Page - Central Semiconductor Corp BCX53-10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCX51
BCX52
BCX53
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCX51, BCX52,
and BCX53 types are PNP Silicon Transistors
manufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for high
current general purpose amplifier applications.
MARKING CODE: SEE MARKING CODE TABLE
ON FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
BCX51
BCX52
BCX53
UNITS
Collector-Base Voltage
VCBO
45
60
100
V
Collector-Emitter Voltage
VCEO
45
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Peak Collector Current
ICM
1.5
A
Continuous Base Current
IB
100
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
1.3
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
96
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
100
nA
ICBO
VCB=30V, TA=125°C
10
µA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=100µA (BCX51)
45
V
BVCBO
IC=100µA (BCX52)
60
V
BVCBO
IC=100µA (BCX53)
100
V
BVCEO
IC=10mA (BCX51)
45
V
BVCEO
IC=10mA (BCX52)
60
V
BVCEO
IC=10mA (BCX53)
80
V
VCE(SAT)
IC=500mA, IB=50mA
0.5
V
VBE(ON)
VCE=2.0V, IC=500mA
1.0
V
hFE
VCE=2.0V, IC=5.0mA
40
hFE
VCE=2.0V, IC=150mA
63
250
hFE
VCE=2.0V, IC=150mA
(BCX51-10, BCX52-10, BCX53-10)
63
160
hFE
VCE=2.0V, IC=150mA
(BCX51-16, BCX52-16, BCX53-16)
100
250
hFE
VCE=2.0V, IC=500mA
25
fT
VCE=5.0V, IC=10mA, f=100MHz
50
MHz
SOT-89 CASE
R5 (20-November 2009)
www.centra lsemi.com


Número de pieza similar - BCX53-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCX53-10 PHILIPS-BCX53-10 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Galaxy Semi-Conductor H...
BCX53-10 BILIN-BCX53-10 Datasheet
299Kb / 5P
   PNP Medium power transistors
logo
Siemens Semiconductor G...
BCX53-10 SIEMENS-BCX53-10 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Micro Commercial Compon...
BCX53-10 MCC-BCX53-10 Datasheet
630Kb / 4P
   PNP Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX53-10 INFINEON-BCX53-10 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

Descripción similar - BCX53-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
logo
Central Semiconductor C...
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
   PNP SILICON TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com