Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS715A01DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS715A01DRVR
Descripción Electrónicos  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A01DRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS715A01DRVR Datasheet HTML 1Page - Texas Instruments TPS715A01DRVR Datasheet HTML 2Page - Texas Instruments TPS715A01DRVR Datasheet HTML 3Page - Texas Instruments TPS715A01DRVR Datasheet HTML 4Page - Texas Instruments TPS715A01DRVR Datasheet HTML 5Page - Texas Instruments TPS715A01DRVR Datasheet HTML 6Page - Texas Instruments TPS715A01DRVR Datasheet HTML 7Page - Texas Instruments TPS715A01DRVR Datasheet HTML 8Page - Texas Instruments TPS715A01DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
_
+
Current
Sense
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
Vref = 1.205 V
FB
_
+
Current
Sense
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
Vref = 1.205 V
R2 = 840 k
TPS715Axx
SBVS047E
– MAY 2004 – REVISED JUNE 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
—ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM
—FIXED VERSION
Table 1. Pin Descriptions
TPS715Axx
DRB
DRV
NAME
FIXED
ADJ.
FIXED
ADJ.
DESCRIPTION
FB
5
4
Adjustable version. This terminal is used to set the output voltage.
GND
4, Pad
4, Pad
3, Pad
3, Pad
Ground
NC
2, 3, 5, 6, 7
2, 3, 6, 7
2, 4, 5
2, 5
No connection. May be left open or tied to Ground for improved thermal performance.
IN
1
1
1
1
Unregulated input voltage.
OUT
8
8
6
6
Regulated output voltage, any output capacitor
≥ 0.47μF can be used for stability.
4
Copyright
© 2004–2011, Texas Instruments Incorporated


Número de pieza similar - TPS715A01DRVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS715A01DRVR TI-TPS715A01DRVR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01DRVR TI1-TPS715A01DRVR Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01DRVR TI1-TPS715A01DRVR Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A01DRVRM3 TI1-TPS715A01DRVRM3 Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Descripción similar - TPS715A01DRVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS715A33DRVR TI-TPS715A33DRVR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com