Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS412B2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de pieza BTS412B2
Descripción Electrónicos  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS412B2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BTS412B2 Datasheet HTML 1Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 2Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 3Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BTS 412B2
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
Protection Functions
Initial peak short circuit current limit (pin 3 to 5)9),
( max 450
µs if VON > VON(SC) )
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
9
--
4
--
12
--
23
--
15
A
Overload shutdown current limit
IL(SCr)
VON= 8 V, Tj = Tjt (see timing diagrams, page 10)
--
5
--
A
Short circuit shutdown delay after input pos. slope
VON > VON(SC),
Tj =-40..+150°C:
min value valid only, if input "low" time exceeds 60
µs
td(SC)
--
--
450
µs
Output clamp (inductive load switch off)
at
VOUT = Vbb - VON(CL) IL= 40 mA, Tj =-40..+150°C: VON(CL)
61
68
73
V
IL= 1 A, Tj =-40..+150°C:
--
--
75
Short circuit shutdown detection voltage
(pin 3 to 5)
VON(SC)
--
8.5
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse battery (pin 3 to 1) 10)
-
Vbb
--
--
32
V
Diagnostic Characteristics
Open load detection current
Tj=-40...+150°C:
(included in standby current
Ibb(off))
IL(off)
15
30
60
µA
Open load detection voltage
Tj=-40..150°C: VOUT(OL)
234
V
9
)
Short circuit current limit for max. duration of td(SC) max=450 µs, prior to shutdown
10
) Requires 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 2 and circuit page 7).


Número de pieza similar - BTS412B2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
BTS412B2E3043 INFINEON-BTS412B2E3043 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
BTS412B2E3062A INFINEON-BTS412B2E3062A Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
More results

Descripción similar - BTS412B2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442E2 SIEMENS-BTS442E2 Datasheet
158Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410G2 SIEMENS-BTS410G2 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com