Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4853 Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza 2N4853
Descripción Electrónicos  PN SILICON UNIJUNCTION TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4853 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N4853 Datasheet HTML 1Page - Central Semiconductor Corp 2N4853 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4851
2N4852
2N4853
PN SILICON
UNIJUNCTION TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4851, 2N4852,
and 2N4853 are Silicon PN Unijunction Transistors
designed for timing, sensing, and trigger circuits.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Emitter Reverse Voltage
VB2E
30
V
Interbase Voltage
VB2B1
35
V
RMS Emitter Current
Ie
50
mA
Peak Emitter Current (Duty Cycle ≤1%, PRR≤10pps)
ie
1.5
A
RMS Power Dissipation
PD
300
mW
Operating Junction Temperature
TJ
-65 to +125
°C
Storage Temperature
Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
VB2B1=10V (2N4851)
0.56
0.75
VB2B1=10V (2N4852, 2N4853)
0.70
0.85
RBB
VB2B1=3.0V
4.7
9.1
IEB2O
VB2E=30V (2N4851, 2N4852)
100
nA
IEB2O
VB2E=30V (2N4853)
50
nA
IV
VB2B1=20V, RB2=100Ω (2N4851)
2.0
mA
IV
VB2B1=20V, RB2=100Ω (2N4852)
4.0
mA
IV
VB2B1=20V, RB2=100Ω (2N4853)
6.0
mA
IP
VB2B1=25V (2N4851, 2N4852)
2.0
μA
IP
VB2B1=25V (2N4853)
0.4
μA
VOB1
V1=20V (2N4851)
3.0
V
VOB1
V1=20V (2N4852)
5.0
V
VOB1
V1=20V (2N4853)
6.0
V
TO-18 (UJT) CASE
R2 (13-December 2010)
www.centra lsemi.com


Número de pieza similar - 2N4853

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N4853 CENTRAL-2N4853 Datasheet
177Kb / 4P
   MU4893
logo
New Jersey Semi-Conduct...
2N4853 NJSEMI-2N4853 Datasheet
165Kb / 1P
   SILICON ANNULAR UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
2N4853 DIGITRON-2N4853 Datasheet
305Kb / 4P
   PN UNIJUNCTION TRANSISTORS
More results

Descripción similar - 2N4853

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Digitron Semiconductors
2N3980 DIGITRON-2N3980 Datasheet
203Kb / 3P
   PN UNIJUNCTION TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3980 NJSEMI-2N3980 Datasheet
139Kb / 1P
   SILICON ANNULAR PN UNIJUNCTION TRANSISTOR
logo
Motorola, Inc
2N4948 MOTOROLA-2N4948 Datasheet
70Kb / 2P
   PN UNIJUNCTION TRANSISTORS SILICON PN UNIJUNCTION TRANSISTORS
logo
Boca Semiconductor Corp...
2N4870 BOCA-2N4870 Datasheet
162Kb / 5P
   PN UNIJUNCTION TRANSISTORS SILICON UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
2N5431 DIGITRON-2N5431 Datasheet
210Kb / 2P
   PN SILICON ANNULAR UNIJUNCTION TRANSITOR
logo
Motorola, Inc
2N3980 MOTOROLA-2N3980 Datasheet
76Kb / 2P
    Silicon Annular PN Unijunction Transister
logo
Digitron Semiconductors
2N4851 DIGITRON-2N4851 Datasheet
305Kb / 4P
   PN UNIJUNCTION TRANSISTORS
2N4948 DIGITRON-2N4948 Datasheet
255Kb / 2P
   PN UNIJUNCTION TRANSISTORS
logo
List of Unclassifed Man...
2N1671 ETC2-2N1671 Datasheet
279Kb / 2P
   PN BAR-TYPE SILICON UNIJUNCTION TRANSISTORS
logo
Comset Semiconductor
2N1671 COMSET-2N1671 Datasheet
291Kb / 2P
   PN BAR-TYPE SILICON UNIJUNCTION TRANSISTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com