Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3879 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

No. de pieza 1N3879
Descripción Electrónicos  FAST RECOVERY POWER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Página de inicio  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N3879 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N3879 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Número de pieza similar - 1N3879

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
Vishay Siliconix
1N3879 VISHAY-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
GeneSiC Semiconductor, ...
1N3879 GENESIC-1N3879 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Descripción similar - 1N3879

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MBR870 MOTOROLA-MBR870 Datasheet
211Kb / 5P
   Fast Recovery POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
MR2400F NJSEMI-MR2400F Datasheet
123Kb / 2P
   FAST RECOVERY POWER RECTIFIERS
1N3909 NJSEMI-1N3909 Datasheet
131Kb / 1P
   FAST RECOVERY POWER RECTIFIERS
MR870 NJSEMI-MR870 Datasheet
167Kb / 2P
   FAST RECOVERY POWER RECTIFIERS
MR830 NJSEMI-MR830 Datasheet
43Kb / 1P
   FAST RECOVERY POWER RECTIFIERS
MR810 NJSEMI-MR810 Datasheet
88Kb / 1P
   FAST RECOVERY POWER RECTIFIERS
MR1376 NJSEMI-MR1376 Datasheet
89Kb / 1P
   FAST RECOVERY POWER RECTIFIERS
logo
America Semiconductor, ...
FR16B05 AMERICASEMI-FR16B05 Datasheet
574Kb / 2P
   High Power- Fast Recovery Rectifiers
FR30K05 AMERICASEMI-FR30K05 Datasheet
410Kb / 2P
   High Power- Fast Recovery Rectifiers
FR16B02 AMERICASEMI-FR16B02 Datasheet
449Kb / 2P
   High Power- Fast Recovery Rectifiers
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com