Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4246 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

No. de pieza 1N4246
Descripción Electrónicos  2.5 AMPERE RATED, AXIAL-LEADED, GENERAL PURPOSE RECTIFIERS.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Página de inicio  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N4246 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N4246 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Número de pieza similar - 1N4246

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
1N4246 POWEREX-1N4246 Datasheet
99Kb / 2P
   Passivated Rectifier
logo
General Semiconductor
1N4246 GE-1N4246 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Microsemi Corporation
1N4246 MICROSEMI-1N4246 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
List of Unclassifed Man...
1N4246 ETC1-1N4246 Datasheet
48Kb / 1P
   SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
logo
Sensitron
1N4246 SENSITRON-1N4246 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
More results

Descripción similar - 1N4246

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400 FORMOSA-1N5400 Datasheet
142Kb / 6P
   Axial Leaded General Purpose Rectifiers
10A05 FORMOSA-10A05 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
1N4001 FORMOSA-1N4001 Datasheet
136Kb / 6P
   1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
logo
Fairchild Semiconductor
S3A FAIRCHILD-S3A Datasheet
48Kb / 3P
   3.0 Ampere General Purpose Rectifiers
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com