Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMTPA180 Datasheet(PDF) 6 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza SMTPA180
Descripción Electrónicos  TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMTPA180 Datasheet(HTML) 6 Page - Galaxy Semi-Conductor Holdings Limited

  SMTPA180 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMTPA180 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMTPA180 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMTPA180 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMTPA180 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMTPA180 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES
SMTPAxxx
FIG.3 -- RELATIVE VARIATION OF HOLDING CURRENT
VERSUS JUNCTION TEMPERATURE
FIG.4 -- RELATIVE VARIATION OF BREAKOVER
VOLTAGE VERSUS JUNCTION TEMPERATURE
FFFFFIG.5 -- RELATIVE VARIATION OF LEAKAGE CURRENT
VERSUS JUNCTION TEMPERATURE (TYPICAL VALUES).
FIG.6 -- RELATIVE VARIATION OF THERMAL
IMPEDANCE VERSUS PULSE DURATION
FIG.7 -- RELATIVE VARIATION OF JUNCTION CAPACITANCE VERSUS
REVERSE VOLTAGE APPLIED (TYPICAL VALUES)
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0286002
6.
2000
10
100
25
TJ( )
1
1000
50
100
75
125
IRM[TJ]/IRM[TJ=25 ]
VR=VRM
0.8
0.6
0.2
0.4
0.0
-40
-20
20
060
40
80
100
1.0
1.2
1.4
2.0
1.6
1.8
TJ(°C)
120
1.5
1
0
1
100
10
VR(V)
.5
300
F=1MH Z
2
5
220
50
2.5
C[VR]/C[VR=50V]
1.02
1
.9 6
.9 8
.9 4
-4 0
-2 0
2 0
01 2 0
40
60
80
100
1.04
1.08
1.06
T J (
)
1E+1
1E-1
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E+0
1E+2
tp(s)
5E+2
ZTH(J-A)(
/W)


Número de pieza similar - SMTPA180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SMTPA180 STMICROELECTRONICS-SMTPA180 Datasheet
61Kb / 5P
   TRISILETM
SMTPA180 STMICROELECTRONICS-SMTPA180 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA180 STMICROELECTRONICS-SMTPA180 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Frontier Electronics.
SMTPA180 FRONTIER-SMTPA180 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
logo
Shenzhen Luguang Electr...
SMTPA180 LUGUANG-SMTPA180 Datasheet
529Kb / 6P
   Telecommunication Protection
More results

Descripción similar - SMTPA180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
SMTPB BILIN-SMTPB Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com