Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5240-EVALZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADL5240-EVALZ
Descripción Electrónicos  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5240-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  ADL5240-EVALZ Datasheet HTML 1Page - Analog Devices ADL5240-EVALZ Datasheet HTML 2Page - Analog Devices ADL5240-EVALZ Datasheet HTML 3Page - Analog Devices ADL5240-EVALZ Datasheet HTML 4Page - Analog Devices ADL5240-EVALZ Datasheet HTML 5Page - Analog Devices ADL5240-EVALZ Datasheet HTML 6Page - Analog Devices ADL5240-EVALZ Datasheet HTML 7Page - Analog Devices ADL5240-EVALZ Datasheet HTML 8Page - Analog Devices ADL5240-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5240
Rev. 0 | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
AMPLIFIER FREQUENCY = 1960 MHz
Using the AMPIN and AMPOUT pins
Gain
19.8
dB
vs. Frequency
±30 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.26
dB
vs. Supply
4.75 V to 5.25 V
±0.03
dB
Input Return Loss
S11
−11.9
dB
Output Return Loss
S22
−12.6
dB
Output 1 dB Compression Point
19.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
40.0
dBm
Noise Figure
2.9
dB
AMPLIFIER FREQUENCY = 2140 MHz
Using the AMPIN and AMPOUT pins
Gain
18.0
19.7
22.0
dB
vs. Frequency
±30 MHz
±0.02
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.25
dB
vs. Supply
4.75 V to 5.25 V
±0.04
dB
Input Return Loss
S11
−11.0
dB
Output Return Loss
S22
−12.0
dB
Output 1 dB Compression Point
17.5
19.5
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
41.0
dBm
Noise Figure
2.9
dB
AMPLIFIER FREQUENCY = 2630 MHz
Using the AMPIN and AMPOUT pins
Gain
18.0
19.6
22.0
dB
vs. Frequency
±60 MHz
±0.01
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.22
dB
vs. Supply
4.75 V to 5.25 V
±0.04
dB
Input Return Loss
S11
−11.0
dB
Output Return Loss
S22
−13.3
dB
Output 1 dB Compression Point
18.0
19.9
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
41.0
dBm
Noise Figure
2.9
dB
AMPLIFIER FREQUENCY = 3600 MHz
Using the AMPIN and AMPOUT pins
Gain
19.6
dB
vs. Frequency
±100 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.05
dB
vs. Supply
4.75 V to 5.25 V
±0.10
dB
Input Return Loss
S11
−15.1
dB
Output Return Loss
S22
−12.2
dB
Output 1 dB Compression Point
18.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
37.0
dBm
Noise Figure
3.1
dB
DSA FREQUENCY = 150 MHz
Using the DSAIN and DSAOUT pins
Insertion Loss
Minimum attenuation
−1.5
dB
vs. Frequency
±50 MHz
±0.12
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.09
dB
Attenuation Range
28.8
dB
Attenuation Step Error
All attenuation states
±0.18
dB
Attenuation Absolute Error
All attenuation states
±1.35
dB
Input Return Loss
Minimum attenuation
−13.3
dB
Output Return Loss
Minimum attenuation
−13.4
dB
Input Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone, minimum attenuation
45.5
dBm


Número de pieza similar - ADL5240-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5240-EVALZ AD-ADL5240-EVALZ Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
More results

Descripción similar - ADL5240-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
   400 MHz to 4000 MHz
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com