Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5811 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADL5811
Descripción Electrónicos  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5811 Datasheet(HTML) 4 Page - Analog Devices

  ADL5811 Datasheet HTML 1Page - Analog Devices ADL5811 Datasheet HTML 2Page - Analog Devices ADL5811 Datasheet HTML 3Page - Analog Devices ADL5811 Datasheet HTML 4Page - Analog Devices ADL5811 Datasheet HTML 5Page - Analog Devices ADL5811 Datasheet HTML 6Page - Analog Devices ADL5811 Datasheet HTML 7Page - Analog Devices ADL5811 Datasheet HTML 8Page - Analog Devices ADL5811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADL5811
Rev. 0 | Page 4 of 28
TIMING CHARACTERISTICS
Low logic level ≤ 0.4 V, and high logic level ≥ 1.4 V.
Table 2. Serial Interface Timing
Parameter
Limit
Unit
Test Conditions/Comments
t1
20
ns minimum
LE setup time
t2
10
ns minimum
DATA-to-CLK setup time
t3
10
ns minimum
DATA-to-CLK hold time
t4
25
ns minimum
CLK high duration
t5
25
ns minimum
CLK low duration
t6
10
ns minimum
CLK-to-LE setup time
t7
20
ns minimum
LE pulse width
Timing Diagram
CLK
DATA
LE
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
t2
t3
t7
t6
t1
t4
t5
Figure 2. Timing Diagram


Número de pieza similar - ADL5811

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5812 AD-ADL5812 Datasheet
693Kb / 28P
   Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5812-EVALZ AD-ADL5812-EVALZ Datasheet
693Kb / 28P
   Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5812ACPZ-R7 AD-ADL5812ACPZ-R7 Datasheet
693Kb / 28P
   Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
More results

Descripción similar - ADL5811

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5812 AD-ADL5812 Datasheet
693Kb / 28P
   Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
   1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
logo
Tyco Electronics
MAMXES0075 MACOM-MAMXES0075 Datasheet
68Kb / 2P
   High IP3 Mixer with LO Amplifier 823 - 851 MHz
logo
Mini-Circuits
MDA4-752H MINI-MDA4-752H Datasheet
261Kb / 5P
   Wideband Double Balanced Mixer-Amplifier
logo
Hittite Microwave Corpo...
HMC686LP4 HITTITE-HMC686LP4 Datasheet
1Mb / 18P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com