Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM3054 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADM3054
Descripción Electrónicos  5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM3054 Datasheet(HTML) 5 Page - Analog Devices

  ADM3054 Datasheet HTML 1Page - Analog Devices ADM3054 Datasheet HTML 2Page - Analog Devices ADM3054 Datasheet HTML 3Page - Analog Devices ADM3054 Datasheet HTML 4Page - Analog Devices ADM3054 Datasheet HTML 5Page - Analog Devices ADM3054 Datasheet HTML 6Page - Analog Devices ADM3054 Datasheet HTML 7Page - Analog Devices ADM3054 Datasheet HTML 8Page - Analog Devices ADM3054 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADM3054
Rev. 0 | Page 5 of 20
REGULATORY INFORMATION (PENDING)
Table 3. ADM3054 Approvals (Pending)
Organization
Approval Type
Notes
UL
To be recognized under the component recognition
program of Underwriters Laboratories, Inc.
In accordance with UL 1577, each ADM3054 is proof tested by
applying an insulation test voltage ≥ 6000 V rms for 1 second
VDE
To be certified according to DIN V VDE V 0884-10
(VDE V 0884-10): 2006-12
In accordance with DIN V VDE V 0884-10, each ADM3054 is proof
tested by applying an insulation test voltage ≥1590 V peak for
1 second (partial discharge detection limit = 5 pC)
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 4.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
5000
V rms
1-minute duration
Minimum External Air Gap (External Clearance)
L(I01)
8.0
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
7.6
mm
Measured from input terminals to output terminals,
shortest distance along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303-1
Isolation Group
IIIa
Material group (DIN VDE 0110)


Número de pieza similar - ADM3054

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM3054 AD-ADM3054 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ AD-ADM3054BRWZ Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ-RL7 AD-ADM3054BRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054WBRWZ-RL7 AD-ADM3054WBRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
More results

Descripción similar - ADM3054

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
   5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
   5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com