Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM3054BRWZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADM3054BRWZ
Descripción Electrónicos  5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM3054BRWZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3054BRWZ Datasheet HTML 2Page - Analog Devices ADM3054BRWZ Datasheet HTML 3Page - Analog Devices ADM3054BRWZ Datasheet HTML 4Page - Analog Devices ADM3054BRWZ Datasheet HTML 5Page - Analog Devices ADM3054BRWZ Datasheet HTML 6Page - Analog Devices ADM3054BRWZ Datasheet HTML 7Page - Analog Devices ADM3054BRWZ Datasheet HTML 8Page - Analog Devices ADM3054BRWZ Datasheet HTML 9Page - Analog Devices ADM3054BRWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM3054
Data Sheet
Rev. 0 | Page 6 of 20
VDE 0884 INSULATION CHARACTERISTICS (PENDING)
This isolator is suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data must be ensured
by means of protective circuits.
Table 5.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
CLASSIFICATIONS
Installation Classification per DIN VDE 0110 for
Rated Mains Voltage
≤150 V rms
I to IV
≤300 V rms
I to III
≤400 V rms
I to II
Climatic Classification
40/125/21
Pollution Degree
DIN VDE 0110
2
VOLTAGE
Maximum Working Insulation Voltage
V
IORM
846
V peak
Input-to-Output Test Voltage, Method B1
V
IORM × 1.875 = VPR, 100% production tested,
t
m = 1 sec, partial discharge < 5 pC
V
PR
1590
V peak
Input-to-Output Test Voltage, Method A
After Environmental Tests, Subgroup 1
V
IORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
V
PR
1357
V peak
After Input and/or Safety Test,
Subgroup 2/Subgroup 3):
V
IORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
V
PR
1018
V peak
Highest Allowable Overvoltage
V
TR
6000
V peak
SAFETY LIMITING VALUES
Case Temperature
T
S
150
°C
Input Current
I
S, INPUT
265
mA
Output Current
I
S, OUTPUT
335
mA
Insulation Resistance at T
S
R
S
>109


Número de pieza similar - ADM3054BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3054BRWZ AD-ADM3054BRWZ Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ-RL7 AD-ADM3054BRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
More results

Descripción similar - ADM3054BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
   5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
   5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com