Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDR-120-48 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

No. de pieza SDR-120-48
Descripción Electrónicos  120W Single Output Industrial DIN RAIL with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SDR-120-48 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SDR-120-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SDR-120-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SDR-120-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:SDR-120-SPEC2011-08-23
BlockDiagram
CaseNo.992A
Unit:mm
DCOKRelayContact
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
U.V.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
DCOK
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
PFC
CIRCUIT
PFC
CONTROL
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1,2
2
3
4
3
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT -V
DCOUTPUT+V
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
RelayContact
1
2
3
125.2
TB1
ContactClose
PSUturnson/DCOK.
PSUturnsoff/DCFail.
30V/1A resistiveload.
ContactOpen
ContactRatings(max.)
SDR-120 series
120WSingleOutputIndustrialDINRAIL withPFCFunction
2
3
4
1
TB2


Número de pieza similar - SDR-120-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
SDR-120-48 MEANWELL-SDR-120-48 Datasheet
525Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
SDR-120-48 MEANWELL-SDR-120-48 Datasheet
437Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-120-48 TOTAL-POWER-SDR-120-48 Datasheet
463Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Toppower Electronic Tec...
SDR-120-48S TOPPOWER-SDR-120-48S Datasheet
748Kb / 6P
   100~120W AC-DC DIN RAIL Power Supply
More results

Descripción similar - SDR-120-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
SDR-120-12 MEANWELL-SDR-120-12 Datasheet
525Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
SDR-120 MEANWELL-SDR-120_10 Datasheet
437Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-120 TOTAL-POWER-SDR-120 Datasheet
463Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
SDR-240 MEANWELL-SDR-240_10 Datasheet
463Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-960 TOTAL-POWER-SDR-960 Datasheet
201Kb / 3P
   960W Single Output Industrial DIN RAIL with PFC Function
DRP-480 TOTAL-POWER-DRP-480 Datasheet
227Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
SDR-240 MEANWELL-SDR-240_11 Datasheet
461Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240 Datasheet
298Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com