Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-500H-48 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

No. de pieza SD-500H-48
Descripción Electrónicos  500W Single Output DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-500H-48 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SD-500H-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-500H-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-500H-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SD-500H-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
500WSingleOutputDC-DCConverter
S D - 5 0 0 series
FileName:SD-500-SPEC2011-08-23
Theremotesensingcompensatesvoltagedroponthe
loadwiringupto0.5V.
3.RemoteSense
+S
1
-S
2
O/P OK
RC
GND
RCG
CN3
5
6
+V ADJ.
+Vo +Vo -Vo -Vo
TB1
CN3
15
26
-
+
LOAD
-S
(pin2)
Senselinesshould
betwistedinpairs
+S
(pin1)


Número de pieza similar - SD-500H-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
SD-500H-48 MEANWELL-SD-500H-48 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
SD-500H-48 MEANWELL-SD-500H-48 Datasheet
246Kb / 4P
   500W Single Output DC-DC Converter
More results

Descripción similar - SD-500H-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500_16 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500_10 Datasheet
246Kb / 4P
   500W Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com