Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMLC6.5C-2 Datasheet(PDF) 7 Page - Protek Devices

No. de pieza SMLC6.5C-2
Descripción Electrónicos  HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMLC6.5C-2 Datasheet(HTML) 7 Page - Protek Devices

  SMLC6.5C-2_11 Datasheet HTML 1Page - Protek Devices SMLC6.5C-2_11 Datasheet HTML 2Page - Protek Devices SMLC6.5C-2_11 Datasheet HTML 3Page - Protek Devices SMLC6.5C-2_11 Datasheet HTML 4Page - Protek Devices SMLC6.5C-2_11 Datasheet HTML 5Page - Protek Devices SMLC6.5C-2_11 Datasheet HTML 6Page - Protek Devices SMLC6.5C-2_11 Datasheet HTML 7Page - Protek Devices SMLC6.5C-2_11 Datasheet HTML 8Page - Protek Devices SMLC6.5C-2_11 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05105.R8 12/11
Page 7
SMLC6.5C-2 - SMLC12C-2
So-16 PaCkage iNFoRMaTioN
oUTLiNe diMeNSioNS
diM
MiLLiMeTeRS
iNCheS
MiN
MaX
MiN
MaX
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.05 BSC
J
0.18
0.25
0.007
0.009
K
0.10
0.25
0.004
0.008
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
NoTeS
1. -T- = Seating plane and datum surface.
2. Dimensions “A” and “B” are datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
Pad LaYoUT diMeNSioNS
diM
MiLLiMeTeRS
iNCheS
MiN
MaX
MiN
MaX
A
1.14
1.40
0.045
0.055
B
0.64
0.89
0.025
0.035
C
6.22
-
0.245
-
D
3.94
4.17
0.155
0.165
E
1.02
1.27
0.040
0.050
NoTeS
1. Controlling dimension: inches.
-A-
16
9
8
1
-B- P
8 PL
0.010” (0.25mm)
M
M B
+
G
D
C
K
-T-
16 PL
0.010” (0.25mm) M
S
B
+
S
A
T
R X 45°
J
0° - 10°
F
A
B
C
D
E


Número de pieza similar - SMLC6.5C-2_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
SMLC6.5C-2 PROTEC-SMLC6.5C-2_12 Datasheet
908Kb / 9P
   high powered MULTI-LINE low capacitanc e TVS ARRAY
More results

Descripción similar - SMLC6.5C-2_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
PLC01-6 PROTEC-PLC01-6_11 Datasheet
639Kb / 7P
   HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLC01-6 PROTEC-PLC01-6_12 Datasheet
641Kb / 7P
   HIGH POWERED MULTI-LINE CAPACITANCE TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com