Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIA78MR35PI Datasheet(PDF) 5 Page - KEC(Korea Electronics)

No. de pieza KIA78MR35PI
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78MR35PI Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA78MR35PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78MR35PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78MR35PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78MR35PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78MR35PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2002. 1. 9
5/5
KIA78MR18PI~KIA78MR37PI
Revision No : 0
Fig.7 T
- I
JUNCTION TEMPERATURE T
( C)
0
-25
j
Q
j
0
25
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
Fig.8 f - RR
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
1
10
100
I =0.25A,ei=0.5V
O
rms
OUTPUT CURRENT I
(A)
C
=3.3
µF
0
30
ref
rms
Fig.9 I
- RR
O
O
f=120Hz,ei=0.5V
0.25
0.5
40
50
60
70
80
Fig.6 T
- V
JUNCTION TEMPERATURE T
( C)
0
-25
j
I =0.5A
O
D
j
0
25
50
75
100
125
0.1
0.2
0.3
0.4
0.5
I =0.25A
O
Fig.5-5 T -
V (KIA78MR37)
JUNCTION TEMPERATURE T
( C)
-150
-25
-200
0
25
50
j
I =0.25A
V
=5.4V
100
-50
-100
50
0
200
150
250
O
IN
o
100
j
75
125


Número de pieza similar - KIA78MR35PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR06PI KEC-KIA78MR06PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR08PI KEC-KIA78MR08PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR09PI KEC-KIA78MR09PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR10PI KEC-KIA78MR10PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Descripción similar - KIA78MR35PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com