Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIA78R000F Datasheet(PDF) 8 Page - KEC(Korea Electronics)

No. de pieza KIA78R000F
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R000F Datasheet(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA78R000F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 9Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2005. 11. 8
8/10
KIA78R000F/PI~KIA78R050F/PI
Revision No : 3
Fig. 3 Ripple Rejection Test Circuit (Adjustable-Type)
Specific IC
4
1
3
2
ON/OFF
signal
COUT
VOUT
High
: Output ON
Low or Open : Output OFF
CMOS or TTL
IN
V
Fig. 5 Application Circuit for Standard (Fixed-Type)
V
0.33
µF
RL
e o
VIN
47
µF
Fig. 4 Ripple Rejection Test Circuit (Fixed-Type)
e i
f=120Hz(sine wave)
ei=0.5Vrms
RR=20log(ei/eo)
A
A
V
0.33
µF
I
R
I
Q
L
R1
1ΚΩ
R2
o
IN
10µF
V
ei
+
_
f=120Hz(sine wave)
ei=0.5Vrms
RR=20log(ei/eo)
e o
IQ
+
_
+
_
C IN
VIN
VOUT
Adj
GND
VIN
VOUT
GND
A
CIN : More than 0.33 F required if regulator is located an appreciable distance from power supply filter.
You must use to prevent from the parasitic oscillation.
COUT : More than 47 F. You must use the Low-impedance-type(low ESR) capacitor.


Número de pieza similar - KIA78R000F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA78R000F/PI KEC-KIA78R000F/PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA78R000F KEC-KIA78R000F_15 Datasheet
108Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Descripción similar - KIA78R000F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com