Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KIA431S Datasheet(PDF) 1 Page - KEC(Korea Electronics) |
|
KIA431S Datasheet(HTML) 1 Page - KEC(Korea Electronics) |
1 / 8 page 2012. 3. 20 1/8 Revision No : 16 PROGRAMMABLE PRECISION REFERENCES The KIA431 Series integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage reference operate as a low temperature coefficient zener which is programmable from Vref to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic impedance of 0.22 Ω.The characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5 volt reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and since the KIA431 Series operates as a shunt regulator, it can be used as either a positive or negative voltage reference. FEATURES ・Divice Code Name :KIA431 + Vref Code + Package Code+Pin Configuration Code ・Low Dynamic Output Impedance : 0.22Ω(Typ.). ・Sink Current Capability of 1.0 to 100mA. ・Equivalent Full-Range Temperature Coefficient of 50ppm/℃ (Typ.). ・Temperature Compensated for Operation Over Full Rated Operating Temperature Range. ・Low Output Noise Voltage. LINE UP * KIA431BT (Tolerance : 0.5% , TSV package) : Under Development SEMICONDUCTOR TECHNICAL DATA KIA431 Series BIPOLAR LINEAR INTEGRATED CIRCUIT ITEM Vref Code Package Code Pin Configuration Code (SOT-23 Only) KIA431 Code Tolerance (%) Code Package Code Type Blank ±2.2 Blank TO-92 Blank A A ±1.0 F SOT-89 2 B B ±0.5 S TSM T TSV M SOT-23 Type No. Operating Voltage(V) Package Marking KIA431 2.5~36 TO-92 KIA431A KIA431B KIA431F SOT-89 3A KIA431AF 3B KIA431BF 3C KIA431T TSV 43C KIA431AT 43A KIA431BT 43B KIA431S TSM 43C KIA431AS 43A KIA431BS 43B KIA431M SOT-23 (A-Type) 43C KIA431AM 43A KIA431BM 43B KIA431M2 SOT-23 (B-Type) 43F KIA431AM2 43D KIA431BM2 43E PIN CONFIGURATION (SOT-23) 3 3 2 2 1 1 A-Type : 1. Cathode 2. Ref 3. Anode B-Type : 1. Ref 2. Cathode 3. Anode TOP VIEW |
Número de pieza similar - KIA431S |
|
Descripción similar - KIA431S |