Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUZ380 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

No. de pieza BUZ380
Descripción Electrónicos  SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ380 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BUZ380 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
07/96
BUZ 380
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 8 A
0
20
40
60
80
100
120
140
nC
180
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
900
920
940
960
980
1000
1020
1040
1060
1080
1100
1120
1140
1160
V
1200
V
(BR)DSS


Número de pieza similar - BUZ380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUZ380 ISC-BUZ380 Datasheet
348Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUZ380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ384 SIEMENS-BUZ384 Datasheet
157Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com