Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA35S281-SI Datasheet(PDF) 9 Page - Kasin Electronics Corporation

No. de pieza KA35S281-SI
Descripción Electrónicos  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KASIN [Kasin Electronics Corporation]
Página de inicio  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S281-SI Datasheet(HTML) 9 Page - Kasin Electronics Corporation

Back Button KA35S281-SI Datasheet HTML 5Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 6Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 7Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 9Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 10Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 11Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 12Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 13Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
9
Table 7
– RT
1 and RT2 Values for Temperature Thresholds
LTF (°C)
HTF (°C)
RT1
RT2
5 °C
45 °C
8.18KΩ
15.22KΩ
0 °C
50 °C
7.50KΩ
11.25KΩ
-5 °C
55 °C
6.85KΩ
8.72KΩ
.
= 0.35V
CC
V
LTF
= 0.15V
CC
V
HTF
= 0.12V
CC
V
TCO
LTF
HTF
TCO
Hotter
Colder
V
CC
V
SS
Figure 7
– Voltage Equivalent of Temperature Threshold
VCC
RT1
RT2
NTC
Thermistor
TEMP
KA35S28X
Figure 8
– Configuring Temperature Sensing
- Disabling Temperature Sensing
Temperature sensing may be disabled by removing the thermistor and use a single Pull up
or Pull down resistor connected to TEMP pin as shown in figure 9.
Or
RPD
TEMP
KA35S28X
RPU
VCC
TEMP
KA35S28X
Figure 9
– Disabling Temperature Sensing
where:
RPU = Pull up resistor (Can be select 1KΩ)
RPD = Pull down resistor (Can be select 1KΩ)


Número de pieza similar - KA35S281-SI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

Descripción similar - KA35S281-SI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com