Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA35S281-SI Datasheet(PDF) 10 Page - Kasin Electronics Corporation

No. de pieza KA35S281-SI
Descripción Electrónicos  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KASIN [Kasin Electronics Corporation]
Página de inicio  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S281-SI Datasheet(HTML) 10 Page - Kasin Electronics Corporation

Back Button KA35S281-SI Datasheet HTML 6Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 7Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 9Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 10Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 11Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 12Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 13Page - Kasin Electronics Corporation KA35S281-SI Datasheet HTML 14Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
10
- Charge monitoring
Charge status (figure 10) is annunciated by the LED driver outputs LED1 - LED3 (figure 11)
Voltage Profile for
Lead-Acid Charging with
Constant Current Regulation
Previous Discharge Capacity Returned, %
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
0
25
50
75
100
125
150
Charge Rate = C/20
Figure 10 - Voltage Roll-Off In Constant Current Charging Profile
KA35S28X
LED0
R
LED0
R
LED1
R
LED2
R
LED3
LED1
LED2
LED3
Figure 11
– LED Display
- Fault detection
- Battery insertion and removal
The KA35S28X uses VBAT to detect the presence or absence of a battery. The KA35S28X
determines that a battery is present when VBAT is between the High-Voltage Cutoff and the
Low-Voltage Cutoff. When VBAT is outside this range, the KA35S28X determines that no
battery is present and transitions to the Fault state. Also, sudden changes in battery voltage
can cause the fault state.
- Shorted, opened, or damaged cells detections
The KA35S28X can be detect shorted, opened, and damaged cells by using one of the
following below state:
1.
High current detection
2.
Non-rechargeable batteries detection
3.
Changing in any of the buttons


Número de pieza similar - KA35S281-SI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

Descripción similar - KA35S281-SI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com