Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUZ71S2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

No. de pieza BUZ71S2
Descripción Electrónicos  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ71S2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BUZ71S2 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ71S2 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ71S2 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ71S2 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ71S2 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ71S2 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ71S2 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ71S2 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ71S2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
07/96
Semiconductor Group
BUZ 71 S2
Not for new design
Gate threshold voltage
VGS (th) = ƒ(Tj)
parameter:
VGS = VDS, ID = 1 mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
V
4.6
V
GS(th)
-60
-20
20
60
100
°C
160
T
j
2%
typ
98%
Drain-source on-resistance
RDS (on) = ƒ(Tj)
parameter:
ID = 9 A, VGS = 10 V
-60
-20
20
60
100
°C
160
T
j
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.32
R
DS (on)
typ
98%
Typ. capacitances
C = f (VDS)
parameter:
VGS = 0V, f = 1MHz
0
5
10
15
20
25
30
V
40
V
DS
-2
10
-1
10
0
10
1
10
nF
C
C
rss
C
iss
C
oss
Forward characteristics of reverse diode
IF = ƒ(VSD)
parameter:
Tj, tp = 80 µs
-1
10
0
10
1
10
2
10
A
I
F
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
V
SD
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)


Número de pieza similar - BUZ71S2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUZ71S2 ISC-BUZ71S2 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUZ71S2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com