Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LVXT8053 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza MC74LVXT8053
Descripción Electrónicos  Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT8053 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74LVXT8053_11 Datasheet HTML 5Page - ON Semiconductor MC74LVXT8053_11 Datasheet HTML 6Page - ON Semiconductor MC74LVXT8053_11 Datasheet HTML 7Page - ON Semiconductor MC74LVXT8053_11 Datasheet HTML 8Page - ON Semiconductor MC74LVXT8053_11 Datasheet HTML 9Page - ON Semiconductor MC74LVXT8053_11 Datasheet HTML 10Page - ON Semiconductor MC74LVXT8053_11 Datasheet HTML 11Page - ON Semiconductor MC74LVXT8053_11 Datasheet HTML 12Page - ON Semiconductor MC74LVXT8053_11 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MC74LVXT8053
http://onsemi.com
10
ANALOG
SIGNAL
Figure 15. Application Example
Figure 16. External Germanium or
Schottky Clipping Diodes
a. Low Voltage Logic Level Shifting Control
b. 2−Stage Logic Level Shifting Control
Figure 17. Interfacing Low Voltage CMOS Inputs
ON
6
8
16
+5V
ANALOG
SIGNAL
+5V
0V
+5V
0V
11
10
9
TO EXTERNAL LSTTL COMPATIBLE
CIRCUITRY 0 to VIH
DIGITAL SIGNALS
ON/OFF
8
16
VCC
GND
Dx
VCC
Dx
GND
Dx
VCC
Dx
ANALOG
SIGNAL
ON/OFF
6
8
16
+3V
ANALOG
SIGNAL
+3V
GND
+3V
GND
11
10
9
1.8 - 2.5V
CIRCUITRY
ANALOG
SIGNAL
ON/OFF
6
8
16
+5V
ANALOG
SIGNAL
+5V
GND
+5V
GND
11
10
9
1.8 - 2.5V
CIRCUITRY
1.8 - 2.5V
MC74VHC1GT50 BUFFERS
VCC = 3.0V
Figure 18. Function Diagram, LVXT8053
13
X1
12
X0
1
Y1
2
Y0
3
Z1
5
Z0
14
X
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
11
A
10
B
9
C
6
ENABLE
15
Y
4
Z


Número de pieza similar - MC74LVXT8053_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053_14 Datasheet
175Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Descripción similar - MC74LVXT8053_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com