Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLE-0001369 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

No. de pieza DLE-0001369
Descripción Electrónicos  Popular T-1 3/4 round package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-0001369 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  DLE-0001369 Datasheet HTML 1Page - Everlight Electronics Co., Ltd DLE-0001369 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-0001369 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-0001369 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-0001369 Datasheet HTML 5Page - Everlight Electronics Co., Ltd DLE-0001369 Datasheet HTML 6Page - Everlight Electronics Co., Ltd DLE-0001369 Datasheet HTML 7Page - Everlight Electronics Co., Ltd DLE-0001369 Datasheet HTML 8Page - Everlight Electronics Co., Ltd DLE-0001369 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-07-31 22:25:00.0
Technical Data Sheet
334-15/T2C3-4RTB
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev: 1
Page: 1 of 12
Device Number: DLE-0001369
Established date:05-04-2009
Established by: Ruby Lin
Features
․Popular T-1 3/4 round package
․High luminous power.
˙Typical chromaticity coordinates x=0.30, y=0.29
according to CIE1931.
˙Bulk, available taped on reel.
˙ESD-withstand voltage: up to 4KV
․The product itself will remain within RoHS compliant version.
Descriptions
˙The series is designed for application required
high luminous intensity.
˙The phosphor filled in the reflector converts the
blue emission of InGaN chip to ideal white.
Applications
․Message panels
․Optical Indicators
․Backlighting
․Marker Lights
Device Selection Guide
Chip
PART NO.
Material
Emitted Color
Lens Color
334-15/T2C3-4RTB
InGaN
White
Water Clear


Número de pieza similar - DLE-0001369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
DLE-0001356 EVERLIGHT-DLE-0001356 Datasheet
119Kb / 6P
   3.0mm Round Type LED Lamps
More results

Descripción similar - DLE-0001369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com