Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLE-0000397 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

No. de pieza DLE-0000397
Descripción Electrónicos  Popular T-1 3/4 round package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-0000397 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button DLE-0000397 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-0000397 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-0000397 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-0000397 Datasheet HTML 5Page - Everlight Electronics Co., Ltd DLE-0000397 Datasheet HTML 6Page - Everlight Electronics Co., Ltd DLE-0000397 Datasheet HTML 7Page - Everlight Electronics Co., Ltd DLE-0000397 Datasheet HTML 8Page - Everlight Electronics Co., Ltd DLE-0000397 Datasheet HTML 9Page - Everlight Electronics Co., Ltd DLE-0000397 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LifecyclePhase:Preliminary
LifecyclePhase:
Revision
: (2)
Expired Period: Forever
Release Date:
Technical Data Sheet
334-15/X2C1-1UWB
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 6 of 12
Device NumberDLE-0000397
Established date:11-20-2008
Established by: Ruby Lin
CIE Chromaticity Diagram
Color Ranks (IF=20mA,Ta=25℃)
Color Ranks
CIE
X
0.357
0.361
0.398
0.389
D1
Y
0.361
0.385
0.411
0.382
X
0.354
0.357
0.389
0.382
D2
Y
0.340
0.361
0.382
0.358
X
0.389
0.398
0.439
0.425
E1
Y
0.382
0.411
0.431
0.400
X
0.382
0.389
0.425
0.412
E2
Y
0.358
0.382
0.400
0.372
X
0.425
0.439
0.497
0.477
F1
Y
0.400
0.431
0.466
0.413
X
0.412
0.425
0.477
0.458
F2
Y
0.372
0.400
0.413
0.383
*Measurement uncertainty of the color coordinates:±0.01
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
F2
F1
E2
E1
D2
D1
CIE-X


Número de pieza similar - DLE-0000397

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
DLE-0000312 EVERLIGHT-DLE-0000312 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
DLE-0000336 EVERLIGHT-DLE-0000336 Datasheet
368Kb / 12P
   Popular T-1 3/4 round package
DLE-0000345 EVERLIGHT-DLE-0000345 Datasheet
253Kb / 11P
   Popular T-1 3/4 round package
DLE-0000346 EVERLIGHT-DLE-0000346 Datasheet
250Kb / 12P
   Popular T-1 3/4 round package
DLE-0000354 EVERLIGHT-DLE-0000354 Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
More results

Descripción similar - DLE-0000397

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com