Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STU4A60H Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

No. de pieza STU4A60H
Descripción Electrónicos  Bi-Directional Triode Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Página de inicio  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

STU4A60H Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  STU4A60H Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd STU4A60H Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd STU4A60H Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd STU4A60H Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd STU4A60H Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
STU4A60H
Bi-Directional
Bi-Directional
Bi-Directional
Bi-Directional T
T
T
Trio
rio
rio
riode
de
de
de Thyrist
Thyrist
Thyrist
Thyristo
o
o
orrrr
Features
◆ Repetitive Peak Off-State Voltage : 600V
◆ R.M.S On-State Current ( IT(RMS)= 4 A )
◆ Low On-State Voltage (1.6V(Typ.) @ I
TM)
◆ High Commutation dv/dt
◆ High Junction temperature(T
J=150℃)
General Description
Winsemi Triac STF4A
STF4A
STF4A
STF4A6
6
6
60H
0H
0H
0H is designed for full wave AC control applications.
It can be used as an ON/OFF function or for phase control operation.
Typical Application
■ Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers,
Micro
Wave
Ovens,
Hair
Dryers,
other
control
applications
■ Industrial Use :
SMPS, Copier Machines, Motor Controls, Dimmer, SSR,
Heater
Controls,
Vending
Machines,
other
control
applications
A
A
A
A1
1
1
1
A
A
A
A2
2
2
2
G
G
G
G
T
T
T
TO
O
O
O-251
-251
-251
-251
Absolute Maximum Ratings (T
J=
25°C unless otherwise specified)
Symbol
Para
Condition
Ratings Units
V
DRM/VRRM
Repetitive Peak Off-State Voltage
600
V
I
T(RMS)
R.M.S On-State Current
T
J
= 1118 °C
4.0
A
I
TSM
Surge On-State Current
50/60Hz, One cycle, Peak value, non-repetitive
27/30
A
2
I t
I2t
3.7
A2s
P
GM
Peak Gate Power Dissipation
1.5
W
P
G(AV)
Average Gate Power Dissipation
0.1
W
I
GM
Peak Gate Current
1.0
A
V
GM
Peak Gate Voltage
7.0
V
T
J
Operating Junction Temperature
-40~+150
T
STG
Storage Temperature
-40~+150
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJc
Thermal Resistance Junction to Case(DC)
3
℃/W
RθJA
Thermal Resistance Junction to Ambient(DC)
75
℃/W
Jan 2009. Rev. 0
T02-1


Número de pieza similar - STU4A60H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Winsemi Microe...
STU4A60 WINSEMI-STU4A60 Datasheet
358Kb / 5P
   Bi-Directional Triode Thyristor
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
More results

Descripción similar - STU4A60H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com