Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

C167CR-16RM Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de Pieza. C167CR-16RM
Descripción  16-Bit CMOS Single-Chip Microcontrollers
Descarga  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

C167CR-16RM Datasheet(HTML) 4 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
20Dec96@09:25h Intermediate Version
Semiconductor Group
2
C167CR-16RM
Introduction
The C167CR-16RM is a new derivative of the Siemens C16x Family of full featured single-chip
CMOS microcontrollers. It combines high CPU performance (up to 10 million instructions per
second) with high peripheral functionality and enhanced IO-capabilities. It also provides on-chip
ROM, on-chip high-speed RAM and clock generation via PLL.
Figure 1
Logic Symbol
Ordering Information
Type
Ordering Code
Package
Function
SAB-C167CR-16RM
Q67121-D...
P-MQFP-144-1
16-bit microcontroller with
2 * 2 KByte RAM
Temperature range 0 to +70 °C
SAF-C167CR-16RM
Q67121-D...
P-MQFP-144-1
16-bit microcontroller with
2 * 2 KByte RAM
Temperature range -40 to +85 °C
SAK-C167CR-16RM
Q67121-D...
P-MQFP-144-1
16-bit microcontroller with
2 * 2 KByte RAM
Temperature range -40 to +125 °C
C167CR-
16RM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn