Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

C167CR-16RM Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de Pieza. C167CR-16RM
Descripción  16-Bit CMOS Single-Chip Microcontrollers
Descarga  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

C167CR-16RM Datasheet(HTML) 3 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
q
High Performance 16-bit CPU with 4-Stage Pipeline
q
100 ns Instruction Cycle Time at 20 MHz CPU Clock
q
500 ns Multiplication (16
× 16 bit), 1 µs Division (32 / 16 bit)
q
Enhanced Boolean Bit Manipulation Facilities
q
Additional Instructions to Support HLL and Operating Systems
q
Register-Based Design with Multiple Variable Register Banks
q
Single-Cycle Context Switching Support
q
Clock Generation via on-chip PLL or via direct clock input
q
Up to 16 MBytes Linear Address Space for Code and Data
q
2 KBytes On-Chip Internal RAM (IRAM)
q
2 KBytes On-Chip Extension RAM (XRAM)
q
128 KBytes On-Chip ROM
q
Programmable External Bus Characteristics for Different Address Ranges
q
8-Bit or 16-Bit External Data Bus
q
Multiplexed or Demultiplexed External Address/Data Buses
q
Five Programmable Chip-Select Signals
q
Hold- and Hold-Acknowledge Bus Arbitration Support
q
1024 Bytes On-Chip Special Function Register Area
q
Idle and Power Down Modes
q
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event
Controller (PEC)
q
16-Priority-Level Interrupt System with 56 Sources, Sample-Rate down to 50 ns
q
16-Channel 10-bit A/D Converter with 9.7
µs Conversion Time
q
Two 16-Channel Capture/Compare Units
q
4-Channel PWM Unit
q
Two Multi-Functional General Purpose Timer Units with 5 Timers
q
Two Serial Channels (Synchronous/Asynchronous and High-Speed-Synchronous)
q
On-Chip CAN Interface with 15 Message Objects (Full-CAN/Basic-CAN)
q
Programmable Watchdog Timer
q
Up to 111 General Purpose I/O Lines, partly with Selectable Input Thresholds and Hysteresis
q
Supported by a Wealth of Development Tools like C-Compilers, Macro-Assembler Packages,
Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers,
Programming Boards
q
On-Chip Bootstrap Loader
q
144-Pin MQFP Package (EIAJ)
This document describes the SAB-C167CR-16RM and the SAK-C167CR-16RM. For simplicity all
versions are referred to by the term C167CR-16RM throughout this document.
C16x-Family of
High-Performance CMOS 16-Bit Microcontrollers
Advance Information
C167CR-16RM
16-Bit Microcontroller
C167CR-16RM
1
12.96


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn