Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLO7135 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de pieza DLO7135
Descripción Electrónicos  43/68 Single Character DLO4135/7 5x7 Dot Matrix Intelligent Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

DLO7135 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  DLO7135 Datasheet HTML 1Page - Siemens Semiconductor Group DLO7135 Datasheet HTML 2Page - Siemens Semiconductor Group DLO7135 Datasheet HTML 3Page - Siemens Semiconductor Group DLO7135 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2–10
DLO4135/7135/DLG4137/7137
Top View — DLO4135/DLG4137
Pin Functions — DLO4135/DLG4137
Top View — DLO7135/DLG7137
Pin Functions — DLO7135/DLG7137
Pin
Function
Pin
Function
1LT Lamp
9
D0 Data LSB
2
WR Write
10
D1 Data
3
BL1 Brightness
11
D2 Data
4
BL0 Brightness
12
D3 Data
5
No Pin
13
D4 Data
6
No Pin
14
D5 Data
7CE Chip Enable
15
D6 Data MSB
8
GND
16
+VCC
Pin
Function
Pin
Function
1VCC
8
D0 Data Input LSB
2LT Lamp Test
9
D1 Data
3CE Chip Enable
10
D2 Data
4WR Write
11
D3 Data
5
BL1 Brightness
12
D4 Data
6
BL0 Brightness
13
D5 Data
7
GND
14
D6 Data Input MSB
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Lamp Test
When the lamp test (LT) is activated, all dots on the display
are illuminated at 17 brightness. The lamp test function is
independent of write (WR) and the settings of the blanking
inputs (BL0, BL1).
This convenient test gives a visual indication that all dots are
functioning properly. Lamp test also may be used as a cursor
function or pointer which does not destroy previously dis-
played characters.
Dimming and Blanking the Display
Loading Data
Loading data into the display is straightforward. Chip enable
(CE) should be present and stable during a write pulse (WR).
Parallel data information should be stable for the minimum
time (TW) and held for TDH after write has gone high. No syn-
chronization is necessary and each character will continue to
be displayed until it is replaced with another. Multiple dis-
plays may be stacked together with only an additional
decoder IC for chip enable decoding.
Note : Either BL0 or BL1 should be held high for display to light up.
Data Loading Example
X=don’t care, NC=no change
Brightness Level
BL1
BL0
Blank
0
0
17 Brightness
0
1
12 Brightness
1
0
Full Brightness
1
1
CE WR BL0 BL1 LT
Data Input
D6 D5 D4 D3 D2 D1 D0
H
X
H
X
H
X
X
X
X
X
X
X
NC
X
X
L
L
H
X
X
X
X
X
X
X
Blank
X
X
X
X
L
X
X
X
X
X
X
X
Lamp Test
L
L
H
H
H
H
L
L
L
L
L
H
A
L
L
H
H
H
H
H
H
L
L
H
L
r
L
L
H
H
H
L
H
H
L
L
H
H
3
L
L
H
H
H
L
H
L
H
L
H
H
+


Número de pieza similar - DLO7135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
DLO SCHURTER-DLO Datasheet
471Kb / 2P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO Datasheet
288Kb / 3P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
04.01.2022
logo
Data Delay Devices, Inc...
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
More results

Descripción similar - DLO7135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
   5x7 Dot Matrix Intelligent Display
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
   5 x 7 Dot Matrix Intelligent Display
logo
Marktech Corporate
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
52Kb / 1P
   0.68 5x7 Dot Matrix Display
logo
Lite-On Technology Corp...
LTP-757HR LITEON-LTP-757HR Datasheet
991Kb / 8P
   0.7 inch 5x7 SINGLE COLOR DOT MATRIX DISPLAY
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com