Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4729A Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP |
|
1N4729A Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP |
1 / 5 page DATA SHEET 1N4728A~1N4764A FEATURES • Low profile package • Built-in strain relief • Low inductance • High temperature soldering : 260°C /10 seconds at terminals MECHANICALDATA • Case: Molded Glass DO-41G • Terminals: Axial leads, solderable per MIL-STD-202, • Method 208 guaranteed • Polarity: Color band denotes positive end • Mounting position:Any • Weight: 0.012 ounce, 0.3 gram • Packing information T/B - 2.5K per horiz. tape & Ammo box GLASS PASSIVATED JUNCTION SILICON ZENER DIODE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. 3.3 to 100 Volts 1.0 Watts POWER VOLTAGE r e t e m a r a Pl o b m y S e u l a Vs ti n U 5 2 = b m a T t a n o it a p i s s i D r e w o P O C PTOT * 1W TJ O C e g n a R e r u t a r e p m e T e g a r o t S TSTG 0 5 1 + o t 5 5 - O C . e r u t a r e p m e t t n e i b m a t a t p e k e r a e s a c m o rf m m 0 1 f o e c n a t s i d a t a s d a e l t a h t d e d iv o r p d il a V * r e t e m a r a Pl o b m y S. n i M. p y T . x a Ms ti n U ri A t n e i b m A o t n o it c n u J e c n a t s i s e R l a m r e h T Rh tA - - - - * 0 7 1W / K A m 0 0 2 = F I t a e g a tl o V d r a w r o F VF - - - - 2 . 1V . e r u t a r e p m e t t n e i b m a t a t p e k e r a e s a c m o rf m m 0 1 f o e c n a t s i d a t a s d a e l t a h t d e d i v o r p d il a V * Operating Junction Temperature 0 5 1 + o t 5 5 - .107(2.70) .080(2.00) .031(0.78) .026(0.65) WILLAS Unit:millimeters DO-41G SCS501V VOLTAGE 40V 0.1AMP Schottky Barrier Rectifiers FEATURES * Extremely Low VF * Extremely thin package * Low stored charge * Majority carrier conduction * Case:Molded plastic, JEDEC SOD-323(SC-76) * Terminal : Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity : Indicated by cathode band * Mounting Position : Any * Weight : 0.000159 ounce, 0.0045 gram MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS Rating 25 oC ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive of inductive load. For capacitive load, derate current by 20% Symbol Min. Typ. Max. Unit VRM 45 V VR 40 V I F = 10mA DC F1 V V VR = 10V DC IR 0.55 0.34 µ A IO 30 A A TJ oC TSTG oC 1 Continuous Reverse Voltage Parameter Forward Voltage IFSM Operating Temperature Mean Rectifying Current Conditions Repetitive Peak Reverse Voltage Storage Temperature Reverse Current V F2 V I F = 100mA DC 0.1 125 Peak forward surge current Capacitance between terminals CT 6.0 pF -40 SOD-323(SC-76) Marking Code: JV or 4 .010 (0.25) min. .012 (0.3) .059 (1.5) Cathode Band Top View .043 (1.1) Dimensions in inches and (millimeters) +125 MECHANICAL DATA Pb Free Product 2004.12 |
Número de pieza similar - 1N4729A |
|
Descripción similar - 1N4729A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |