Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM802123UMGTR Datasheet(PDF) 2 Page - Micrel Semiconductor

No. de pieza SM802123UMGTR
Descripción Electrónicos  ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802123UMGTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SM802123UMGTR Datasheet HTML 1Page - Micrel Semiconductor SM802123UMGTR Datasheet HTML 2Page - Micrel Semiconductor SM802123UMGTR Datasheet HTML 3Page - Micrel Semiconductor SM802123UMGTR Datasheet HTML 4Page - Micrel Semiconductor SM802123UMGTR Datasheet HTML 5Page - Micrel Semiconductor SM802123UMGTR Datasheet HTML 6Page - Micrel Semiconductor SM802123UMGTR Datasheet HTML 7Page - Micrel Semiconductor SM802123UMGTR Datasheet HTML 8Page - Micrel Semiconductor SM802123UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
SM802123
January 2012
2
M9999-012312-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
Part Number
Marking
Shipping
Junction Temperature
Range
(1)
Package
SM802123UMG
802123
Tray
–40°C to +85°C
44-Pin QFN
SM802123UMGTR
802123
Tape and Reel
–40°C to +85°C
44-Pin QFN
Note:
1. Devices are Green, RoHS, and PFOS compliant.
Pin Configuration
44-Pin QFN
(Top View)
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
25, 26
28, 29
32, 33
35, 36
Q1, Q2
Q3, Q4
/Q5, /Q6
/Q7, /Q8
O, (DIF)
LVCMOS
Clock Outputs from Bank 1 (25MHz) .
41, 42
1, 2
4, 5
7, 8
Q9, Q10
/Q11, /Q12
/Q13, /Q14
Q15, Q16
O, (DIF)
LVCMOS
Clock Outputs from Bank 2 (125MHz).
31, 37, 38
VDDO1
PWR
Power Supply for the Outputs on Bank 1.
43, 44, 16
VDDO2
PWR
Power Supply for the Outputs on Bank 2.
24, 39
VSSO1
PWR
Power Supply Ground for the Outputs on Bank 1.
3, 6, 40
VSSO2
PWR
Power Supply Ground for the Outputs on Bank 2.
11, 14, 18, 19,
20, 27, 30, 34
TEST
Factory Test Pins. Do not connect anything to these pins.
12, 13
VDD
PWR
Core Power Supply.
10, 21, 23
VSS (Exposed Pad)
PWR
Core Power Supply Ground. The exposed pad must be
connected to the VSS ground plane.


Número de pieza similar - SM802123UMGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121UMG MICREL-SM802121UMG Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121UMGTR MICREL-SM802121UMGTR Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
More results

Descripción similar - SM802123UMGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
   ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802109 MICREL-SM802109 Datasheet
403Kb / 11P
   ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com