Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM802101UMGR Datasheet(PDF) 4 Page - Micrel Semiconductor

No. de pieza SM802101UMGR
Descripción Electrónicos  ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802101UMGR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SM802101UMGR Datasheet HTML 1Page - Micrel Semiconductor SM802101UMGR Datasheet HTML 2Page - Micrel Semiconductor SM802101UMGR Datasheet HTML 3Page - Micrel Semiconductor SM802101UMGR Datasheet HTML 4Page - Micrel Semiconductor SM802101UMGR Datasheet HTML 5Page - Micrel Semiconductor SM802101UMGR Datasheet HTML 6Page - Micrel Semiconductor SM802101UMGR Datasheet HTML 7Page - Micrel Semiconductor SM802101UMGR Datasheet HTML 8Page - Micrel Semiconductor SM802101UMGR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
SM802101
July 2011
4
M9999-072111-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDD, VDDO1/2)......................................+4.6V
Input Voltage (VIN).............................. −0.50V to VDD + 0.5V
Lead Temperature (soldering, 20s)............................ 260°C
Case Temperature ..................................................... 115°C
Storage Temperature (Ts) ......................... −65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VDD, VDDO1/2)............ +2.375V to +3.465V
Ambient Temperature (TA).......................–40°C to +85°C
Junction Thermal Resistance
(3)
QFN (
θJA)
Still-Air......................................................24°C/W
QFN (
ψJB)
Junction-to-Board ......................................8°C/W
DC Electrical Characteristics
(4)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%
TA = −40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD, VDDO1/2
2.5V Operating Voltage
2.375
2.5
2.625
V
VDD, VDDO1/2
3.3V Operating Voltage
3.135
3.3
3.465
V
Eight Outputs enabled, 100MHz
Outputs 50Ω to VSS
217
270
Eight Outputs enabled, 200MHz
Outputs 50Ω to VSS
229
285
Four Outputs enabled, 100MHz
Outputs 50Ω to VSS, OE1 or OE2 = 0
149
185
IDD
Supply current VDD + VDDO
Four Outputs enabled, 200MHz
Outputs 50Ω to VSS, OE1 or OE2 =0
158
197
mA
HCSL DC Electrical Characteristics
(4)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%
TA = −40°C to +85°C. RL = 50Ω to VSS
Symbol
Parameter
Condition
Min
Typ.
Max.
Units
VOH
Output High Voltage
660
700
850
mV
VOL
Output Low Voltage
−150
0
27
mV
VCROSS
Crossing Point Voltage
250
350
550
mV
Notes:
1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3.
Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
4.
The circuit is designed to meet the AC and DC specifications shown in the above table(s) after thermal equilibrium has been established.


Número de pieza similar - SM802101UMGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMGR MICREL-SM802104UMGR Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Descripción similar - SM802101UMGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM802109 MICREL-SM802109 Datasheet
403Kb / 11P
   ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
   ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
   PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com