Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S4810 Datasheet(PDF) 3 Page - Hamamatsu Corporation

No. de Pieza. S4810
Descripción  Low-voltage operation photo IC Operation at low voltage from 2.2 V
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo 

S4810 Datasheet(HTML) 3 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low-voltage operation photo IC
S4810, S6289
7 V
2.2 V
2.0
1.5
1.0
0.5
-50
0
50
100
AMBIENT TEMPERATURE (˚C)
(Typ. E=0/2 µW/mm2)
5 V
LOW LEVEL
HIGH LEVEL
40
30
20
10
0
0
12
3
4
5
ENERGY DENSITY (µW/mm2)
(Typ. Ta=25 ˚C, Vcc=2.2 V to 7 V, RL=1.2 k
W)
S4810: L
®H
S6289: H
®L
S4810: H
®L
S6289: L
®H
s Supply current vs. ambient temperature
KPICB0007EA
s Low level output voltage vs. ambient temperature
KPICB0008EA
s Threshold illuminance vs. ambient temperature
KPICB0009EA
s Propagation delay time vs. input light strength
KPICB0010EB
s Rise/fall time vs. load resistance
KPICB0011EB
s Directivity
KPICB0012EA
(Typ. IOL=4 mA)
2.2 V
7 V
50
40
30
20
-50
0
50
100
AMBIENT TEMPERATURE (˚C)
5 V
S4810: L
®H
S6289: H
®L
1.5
1
0.5
0.5
-50
0
50
100
AMBIENT TEMPERATURE (˚C)
S4810: H
®L
S6289: L
®H
(Typ. VCC=5 V, normalized at Ta=25 ˚C, S4810: L
®H, S6289: L®H)
600
500
400
100
0
0.1
LOAD RESISTANCE (k
9)
(Typ. Ta=25 ˚C, VCC=2.2 to 7 V, E=2 µW/mm
2)
1
200
300
10
FALL TIME
RISE TIME
-
40˚
-
50˚
-
80˚
-
70˚
-
60˚
-
90˚
-
20˚
-
30˚
-
10˚
20˚
30˚
60
20
0
60
40
20
40
10˚
RELATIVE SENSITIVITY
40˚
50˚
80˚
70˚
60˚
90˚
(Typ.)
40 %
60 %
80 %
100 %
20 %


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn