Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S4810 Datasheet(PDF) 4 Page - Hamamatsu Corporation

No. de Pieza. S4810
Descripción  Low-voltage operation photo IC Operation at low voltage from 2.2 V
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo 

S4810 Datasheet(HTML) 4 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein.
Type numbers of products listed inthe specification sheets or supplied as samples may have a suffix "(X)" which means tentative specifications or a suffix "(Z)"
which means developmental specifications. ©2009 Hamamatsu Photonics K.K.
Low-voltage operation photo IC
S4810, S6289
Cat. No. KPIC1005E06
Aug. 2009 DN
3.5
10˚
VISIBLE-CUT RESIN
(BLACK)
3.5
0.6
0.4
(SPECIFIED AT THE LEAD ROOT)
1.3
1.6
0.72
0.57
0.16
R0.45
10˚
Tolerance unless otherwise
noted: ±0.2, ±2˚
Shaded area indicates burr.
Values in parentheses are not
guaranteed, but for reference.
VO
GND
Vcc
BURR
1.27 1.27
s Dimensional outline (unit: mm)
AMBIENT TEMPERATURE (˚C)
0
-25
0
25
50
75
100
300
100
200
(Typ.)
s Power dissipation vs. ambient temperature
KPICB0048EA
KPICA0005EB


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn