Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM40N10-30D Datasheet(PDF) 3 Page - Analog Power

No. de pieza AM40N10-30D
Descripción Electrónicos  N-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM40N10-30D Datasheet(HTML) 3 Page - Analog Power

  AM40N10-30D Datasheet HTML 1Page - Analog Power AM40N10-30D Datasheet HTML 2Page - Analog Power AM40N10-30D Datasheet HTML 3Page - Analog Power AM40N10-30D Datasheet HTML 4Page - Analog Power AM40N10-30D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM40N10-30D
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0
5
10
15
20
ID-Drain Current (A)
4.0V
4.5V
10V
6.0V 8.0V
3.5V
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
VDS - Drain-to-Source Voltage (V)
10V
4.5V
4.0V
6.0V
8.0V
3.5V
3.0V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
ID = 10A
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0
0.3
0.6
0.9
1.2
1.5
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
500
1000
1500
2000
2500
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1Mhz
© Preliminary
3
Publication Order Number:
DS-AM40N10-30D


Número de pieza similar - AM40N10-30D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM40N10-30I ANALOGPOWER-AM40N10-30I Datasheet
347Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM40N10-30I DOINGTER-AM40N10-30I Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Descripción similar - AM40N10-30D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com