Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM6922NH Datasheet(PDF) 1 Page - Analog Power

No. de pieza AM6922NH
Descripción Electrónicos  Dual N-Channel Logical Level MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM6922NH Datasheet(HTML) 1 Page - Analog Power

  AM6922NH Datasheet HTML 1Page - Analog Power AM6922NH Datasheet HTML 2Page - Analog Power AM6922NH Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM6922NH
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM6922NH_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
Dual N-Channel Logical Level MOSFET
Low rDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
TSSOP-8 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
20
VGS
±8
TA=25
o
C
6.7
TA=70
o
C
5.5
IDM
±30
IS
1.5
A
TA=25
o
C
1.2
TA=70
o
C
0.8
TJ, Tstg
-55 to 150
o
C
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Symbol
Typ
Max
t <= 10 sec
72
83
Steady State
100
120
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
o
C/W
RthJA
Parameter
TSSOP-8
Top View
D
S1
S1
1
2
3
D
S
1
G
1
N-Channel MOSFET
D
S
2
G
2
N-Channel MOSFET
4
G1
D
S2
S2
8
7
6
5
G2
VDS (V)
rDS(on) (OHM)
ID (A)
0.018 @ VGS = 4.5 V
6.7
0.024 @ VGS = 2.5V
5.8
0.034 @ VGS = 1.8V
4.9
20
PRODUCT SUMMARY


Número de pieza similar - AM6922NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM6920NH ANALOGPOWER-AM6920NH Datasheet
59Kb / 3P
   Dual N-Channel Logical Level MOSFET
AM6921P ANALOGPOWER-AM6921P Datasheet
116Kb / 3P
   P-Channel 20-V (D-S) MOSFET
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
AM6924NHE ANALOGPOWER-AM6924NHE Datasheet
323Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Descripción similar - AM6922NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM6968N ANALOGPOWER-AM6968N Datasheet
142Kb / 5P
   Dual N-Channel Logical Level MOSFET
AMCC922NE ANALOGPOWER-AMCC922NE Datasheet
133Kb / 5P
   Dual N-Channel Logical Level MOSFET
AMCC924NE ANALOGPOWER-AMCC924NE Datasheet
96Kb / 3P
   Dual N-Channel Logical Level MOSFET
AM3922N ANALOGPOWER-AM3922N Datasheet
139Kb / 3P
   Dual N-Channel Logical Level MOSFET
AM6920NH ANALOGPOWER-AM6920NH Datasheet
59Kb / 3P
   Dual N-Channel Logical Level MOSFET
AM3906N ANALOGPOWER-AM3906N Datasheet
231Kb / 5P
   Dual N-Channel Logical Level MOSFET
AM3998N ANALOGPOWER-AM3998N Datasheet
139Kb / 3P
   Dual N-Channel Logical Level MOSFET
AMCC921PE ANALOGPOWER-AMCC921PE Datasheet
106Kb / 3P
   Dual P-Channel Logical Level MOSFET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com