Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N40G-T92-TR Datasheet(PDF) 1 Page - Unisonic Technologies

No. de pieza 1N40G-T92-TR
Descripción Electrónicos  1A, 400V N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N40G-T92-TR Datasheet(HTML) 1 Page - Unisonic Technologies

  1N40G-T92-TR Datasheet HTML 1Page - Unisonic Technologies 1N40G-T92-TR Datasheet HTML 2Page - Unisonic Technologies 1N40G-T92-TR Datasheet HTML 3Page - Unisonic Technologies 1N40G-T92-TR Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N40
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-529.b
1A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N40 is an N-channel mode power MOSFET using
UTC’ s advanced technology to provide customers with planar stripe
and DMOS technology. This technology is specialized in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 1N40 is universally applied in electronic lamp ballast
based on half bridge topology and high efficient switched mode
power supply.
FEATURES
* High switching speed
* RDS(ON)=6.8Ω @ VGS=10V
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
1N40L-TA3-T
1N40G-TA3-T
TO-220
G
D
S
Tube
1N40L-T92-B
1N40G-T92-B
TO-92
G
D
S
Tape Box
1N40L-T92-K
1N40G-T92-K
TO-92
G
D
S
Bulk
1N40L-T92-R
1N40G-T92-R
TO-92
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Número de pieza similar - 1N40G-T92-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
1N40G-T92-TR UTC-1N40G-T92-TR Datasheet
173Kb / 4P
   1 Amps, 400 Volts N-CHANNEL POWER MOSFET
More results

Descripción similar - 1N40G-T92-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STD1NC40-1 STMICROELECTRONICS-STD1NC40-1 Datasheet
51Kb / 5P
   N - CHANNEL 400V- 8ohm - 1A - IPAK PowerMESH II MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
5N40 UTC-5N40 Datasheet
198Kb / 6P
   5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
   12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
   10.5A, 400V N-CHANNEL POWER MOSFET
3N40 UTC-3N40 Datasheet
198Kb / 6P
   3A, 400V N-CHANNEL POWER MOSFET
4N40 UTC-4N40 Datasheet
153Kb / 3P
   4A, 400V N-CHANNEL POWER MOSFET
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
   6A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com