Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N60AL-T92-B Datasheet(PDF) 1 Page - Unisonic Technologies

No. de pieza 1N60AL-T92-B
Descripción Electrónicos  0.5A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60AL-T92-B Datasheet(HTML) 1 Page - Unisonic Technologies

  1N60AL-T92-B Datasheet HTML 1Page - Unisonic Technologies 1N60AL-T92-B Datasheet HTML 2Page - Unisonic Technologies 1N60AL-T92-B Datasheet HTML 3Page - Unisonic Technologies 1N60AL-T92-B Datasheet HTML 4Page - Unisonic Technologies 1N60AL-T92-B Datasheet HTML 5Page - Unisonic Technologies 1N60AL-T92-B Datasheet HTML 6Page - Unisonic Technologies 1N60AL-T92-B Datasheet HTML 7Page - Unisonic Technologies 1N60AL-T92-B Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N60A
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-091,F
0.5A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N60A is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* VDS = 600V
* ID = 0.5A
* RDS(ON) =15Ω@VGS = 10V.
* Ultra Low gate charge (typical 8.0nC)
* Low reverse transfer capacitance (CRSS = 3.0 pF(max))
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
1N60AL-T92-B
1N60AG-T92-B
TO-92
G
D
S
Tape Box
1N60AL-T92-K
1N60AG-T92-K
TO-92
G
D
S
Bulk
Note: Pin Assignment: G: Gate D: Drain S: Source


Número de pieza similar - 1N60AL-T92-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
1N60AL-T92-B UTC-1N60AL-T92-B Datasheet
240Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Descripción similar - 1N60AL-T92-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
R6000ENH ROHM-R6000ENH Datasheet
2Mb / 14P
   Nch 600V 0.5A Power MOSFET
logo
Unisonic Technologies
1N65A UTC-1N65A Datasheet
202Kb / 8P
   0.5A, 650V N-CHANNEL POWER MOSFET
logo
Torex Semiconductor
XP233N05013R-G TOREX-XP233N05013R-G Datasheet
398Kb / 6P
   N-channel MOSFET 30V, 0.5A
XP233N0501TR-G TOREX-XP233N0501TR-G Datasheet
259Kb / 6P
   N-channel MOSFET 30V, 0.5A
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com