Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2N40_1109 Datasheet(PDF) 1 Page - Unisonic Technologies |
|
2N40_1109 Datasheet(HTML) 1 Page - Unisonic Technologies |
1 / 5 page UNISONIC TECHNOLOGIES CO., LTD 2N40 Preliminary Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R502-524.b 2A, 400V N-CHANNEL POWER MOSFET DESCRIPTION The UTC 2N40 is an N-channel mode power MOSFET using UTC’ s advanced technology to provide customers with a minimum on-state resistance, stable off–state characteristics and superior switching performance. It also can withstand high energy pulse in the avalanche. The UTC 2N40 is usually used in general purpose switching applications, motor control circuits and switched mode power supply. FEATURES * High switching speed * RDS(ON)=3.4Ω @ VGS=10V * 100% avalanche tested SYMBOL 1.Gate 3.Source 2.Drain ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing 2N40L-TA3-T 2N40G-TA3-T TO-220 G D S Tube Note: Pin Assignment: G: Gate D: Drain S: Source |
Número de pieza similar - 2N40_1109 |
|
Descripción similar - 2N40_1109 |