Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N60LG-TF3-T Datasheet(PDF) 4 Page - Unisonic Technologies

No. de pieza 2N60LG-TF3-T
Descripción Electrónicos  2A, 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60LG-TF3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  2N60LG-TF3-T Datasheet HTML 1Page - Unisonic Technologies 2N60LG-TF3-T Datasheet HTML 2Page - Unisonic Technologies 2N60LG-TF3-T Datasheet HTML 3Page - Unisonic Technologies 2N60LG-TF3-T Datasheet HTML 4Page - Unisonic Technologies 2N60LG-TF3-T Datasheet HTML 5Page - Unisonic Technologies 2N60LG-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N60L
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-472.d
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Número de pieza similar - 2N60LG-TF3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2N60LG-TF3-T UTC-2N60LG-TF3-T Datasheet
235Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Descripción similar - 2N60LG-TF3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_14 Datasheet
280Kb / 7P
   2A, 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF2N60 FCI-IRF2N60 Datasheet
101Kb / 3P
   2A 600V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
2N60ZL UTC-2N60ZL Datasheet
219Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60Z UTC-2N60Z Datasheet
239Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60K UTC-2N60K Datasheet
226Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60 UTC-2N60_12 Datasheet
245Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60A AOSMD-AOD2N60A Datasheet
2Mb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
   2A, 600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com