Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5027EL-X-TF2-T Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza 2SC5027EL-X-TF2-T
Descripción Electrónicos  HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5027EL-X-TF2-T Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5027EL-X-TF2-T Datasheet HTML 1Page - Unisonic Technologies 2SC5027EL-X-TF2-T Datasheet HTML 2Page - Unisonic Technologies 2SC5027EL-X-TF2-T Datasheet HTML 3Page - Unisonic Technologies 2SC5027EL-X-TF2-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5027E
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-030.C
ABSOLUATE MAXIUM RATINGS (TC = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
750
V
Collector-Emitter Voltage
VCEO
700
V
Collector-Emitter Voltage
VEBO
7
V
Peak Collector Current
IC
3
A
Collector Current (Pulse)
ICP
10
A
Base Current
IB
1.5
A
Power Dissipation
TO-220/TO-220F
PD
50
W
TO-220F2
52
Junction Temperature
TJ
150
Storage Temperature
TSTG
-40 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
750
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5mA, IB=0
700
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
7
V
Collector-Emitter sustaining Voltage
VCEO(SUS)
IC=1.5A, IB1= -IB2=0.3A
L=2mH, Clamped
700
V
Collector Cut-off Current
ICBO
VCB=750V, IE=0
10
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
10
μA
DC Current Gain
hFE1
VCE=5V, IC=0.2A
10
40
hFE 2
VCE=5V, IC=1A
8
Collector-Emitter Saturation Voltage
VCE (SAT)
IC=1.5A, IB=0.3A
2
V
Base-Emitter Saturation Voltage
VBE (SAT)
IC=1.5A, IB=0.3A
1.5
V
Output Capacitance
COB
VCB=10V, f=1MHz, IE=0
60
pF
Current Gain Bandwidth Product
fT
VCE=10V, IC=0.2A
15
MHz
Turn ON Time
tON
VCC=400V
IC=5IB1= -2.5IB2=2A
RL=200Ω
0.5
μs
Storage Time
tS
3
μs
Fall Time
tF
0.3
μs
CLASSIFICATION of hFE1
CLASSIFICATION
N
R
O
RANGE
10 ~ 20
15 ~ 30
20 ~ 40


Número de pieza similar - 2SC5027EL-X-TF2-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SC5027EL-X-TF2-T UTC-2SC5027EL-X-TF2-T Datasheet
231Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
More results

Descripción similar - 2SC5027EL-X-TF2-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SC5027E UTC-2SC5027E Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
2SC5027E UTC-2SC5027E_15 Datasheet
231Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
N5027 UTC-N5027 Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027_07 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027_15 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
   High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com