Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZV358MMTR-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

No. de pieza AZV358MMTR-G1
Descripción Electrónicos  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Página de inicio  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV358MMTR-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV358MMTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358
Data Sheet
9
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 16. Output Voltage Swing vs.Temperature
Figure 17. Gain and Phase
vs. Frequency and Resistive Load
10k
100k
1M
-10
0
10
20
30
40
50
60
70
80
-20
0
20
40
60
80
100
Gain
V
CC=2.5V, VEE=-2.5V
C
L=0
R
L=620Ω
R
L=2KΩ
R
L=100KΩ
Frequency (Hz)
Phase Margin
R
L=620Ω
R
L=2KΩ
R
L=100KΩ
Figure 18. Gain and Phase
vs. Frequency and Capacitive Load
Figure 19. Gain and Phase
vs. Frequency and Capacitive Load
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
C
L=100pF
C
L=200pF
C
L=1000pF
Gain
V
CC=2.5V
V
EE=-2.5V
R
L=100KΩ
Frequency (Hz)
Phase Margin
C
L=100pF
C
L=200pF
C
L=1000pF
10k
100k
1M
-30
-20
-10
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
C
L=100pF
C
L=200pF
C
L=470pF
C
L=1000pF
Gain
V
CC=2.5V, VEE=-2.5V
R
L=620Ω
Frequency (Hz)
Phase Margin
C
L=100pF
C
L=200pF
C
L=470pF
C
L=1000pF
-40
-20
0
2040
6080
0
10
20
30
40
50
60
70
80
90
100
Negative Swing_V
OL
Positive Swing_V
CC-VOH
V
CC=2.7V
V
CC=5V
V
CC=2.7V
R
L=10Kto VCC/2
Temperature (
OC)
V
CC=5V


Número de pieza similar - AZV358MMTR-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AZV358MMTR-E1 DIODES-AZV358MMTR-E1 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Descripción similar - AZV358MMTR-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com