Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LH1540 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de Pieza. LH1540
Descripción  HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

LH1540 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–205
Absolute Maximum Ratings (TA=25°C)
Emitter
Reverse Voltage................................................................... 6.0 V
Continuous Forward Current .............................................60 mA
Peak Forward Current (1
µs) ..................................................1 A
Power Dissipation ........................................................... 100 mW
Derate Linearly from 25
°C ..........................................1.3 mW/°C
Detector
Output Breakdown Voltage................................................. 350 V
Continous Load Current ..................................................150 mA
Total Power Dissipation................................................... 400 mW
Derate Linearly from 25
°C .......................................See Figure 3
Package
Isolation Test Voltage .............................................3750 VACRMS
Isolation Resistance
VIO=500 V, TA=25°C.................................................... ≥10
12
VIO=500 V, TA=100°C.................................................. ≥10
11
Power Dissipation ........................................................... 500 mW
Derate Linearly from 25
°C ..........................................2.5 mW/°C
Storage Temperature Range ................................ –40 to +150
°C
Operating Temperature Range............................... –40 to +85
°C
Junction Temperature ........................................................ 100
°C
Soldering Temperature, 2 mm from case, 10 sec. ............ 260
°C
Package Dimensions in Inches (mm)
A
K
NC
S
NC
S'
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) Min.
.300 (7.62)
Typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) Typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID.
6
5
4
1
2
3
18
° Typ.
.300 (7.62)
.347 (8.82)
4
°
Typ.
1
2
3
6
5
4
FEATURES
• Normally Open, Single Pole Single Throw Operation
• Control 350 VAC or DC Voltage
• Switch 150 mA Loads
• LED Control Current, 1 mA, Typical
• Low ON-Resistance, 20
Ω Typ. at 50 mA
• Isolation Test Voltage, 3750 VACRMS
• Current Limit Protection
• Underwriters Lab File # E52744
APPLICATIONS
• Telephone Switch Hook
• High Voltage Test Equipment
• TRIAC Driver
• Motor Control
• Industrial Control Systems
DESCRIPTION
The LH1540 is a single pole single throw (SPST), normally open
(NO), solid state relay. The relay can control AC or DC loads
currents up to 100 mA, with a supply voltage up to 350 V. The
device is packaged in a six pin 0.3 inch dual-in line package.
This package offers an insulation dielectric withstand of 3750
VACRMS.
The coupler consists of a AlGaAs LED that is optically coupled
to a dielectrically isolated photodiode array which drives two
series connected high voltage MOS transistors. The typical
ON-resistance is 20
Ω at 25 mA and is linear up to 50 mA.
There is built-in current limiting circuitry in the detector chip,
enabling it to pass FCC 68-302 and other regulatory voltage
surge requirements when over voltage protection is provided.
LH1540
HIGH VOLTAGE, SOLID STATE RELAY
OPTOCOUPLER


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
LH1056HIGH VOLTAGE SOLID STATE RELAY OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
LH1298HIGH VOLTAGE SOLID STATE RELAY OPTOCOUPLER 1 Siemens Semiconductor Group
LH1550HIGH VOLTAGE SOLID STATE RELAY OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
KAQW614HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 COSMO Electronics Corporation
IL356HIGH VOLTAGE SOLID STATE RELA OPTOCOUPLER 1 2 Siemens Semiconductor Group
KAQY212HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQV212SHIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQY212SEHIGH VOLTAGE SOLID STATE RELAY MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQY214HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQY217HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn