Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LH1540 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de Pieza. LH1540
Descripción  HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

LH1540 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–207
LH1540
Figure 5. Minimum IRT required vs. temp.
Figure 6. Change in ON-resistance vs. temperature
Figure 7. Change in ON-resistance vs. LED current
Figure 8. Turn on time vs. LED current and temp.
80
60
40
20
0
-20
-40
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature in
°C
IL=100 mA
Normalized by IFT @ 25
°C
80
60
40
20
0
-20
-40
-40
-30
-20
-10
0
10
20
30
40
Ambient temperature in
°C
IL=50 mA
Normalized by Ron
@ 25
°C
20
18
16
14
12
10
8
6
4
2
0
-0.5
0.0
0.5
1.0
1.5
IF- LED Current in mA
IL=50 mA
Normalized by ON
Resistance @ 25
°C
20
16
12
8
4
0
0
2
4
6
8
10
IF-LED Current in mA
- 40
°C
25
°C
85
°C
IL=50 mA
Figure 9. tOFF vs. LED current and temperature
Figure 10. Change in tON vs. temperature
Figure 11. Change in tOFF vs. temperature
Figure 12. Timing test circuit and timing waveform
20
16
12
8
4
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
IF-LED Current in mA
-40
25
°C
85
IL=50 mA
80
60
40
20
0
-20
-40
-20
-10
0
10
20
Ambient temperature in
°C
IF=5 mA
IL=50 mA
Normalized @ 25
°C
80
60
40
20
0
-20
-40
-100
-75
-50
-25
0
25
50
75
100
Ambient Temperature in
°C
IF=5 mA
IL=50 mA
1
2
3
6
5
4
NC
NC
IF
+
50 V
1 k
IL
Control
Input
Switch
Output
90%
10%
tON
tOFF
tR≤1 µs
tR≤1 µs
IL
IF


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
LH1056HIGH VOLTAGE SOLID STATE RELAY OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
LH1298HIGH VOLTAGE SOLID STATE RELAY OPTOCOUPLER 1 Siemens Semiconductor Group
LH1550HIGH VOLTAGE SOLID STATE RELAY OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
KAQW614HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 COSMO Electronics Corporation
IL356HIGH VOLTAGE SOLID STATE RELA OPTOCOUPLER 1 2 Siemens Semiconductor Group
KAQY212HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQV212SHIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQY212SEHIGH VOLTAGE SOLID STATE RELAY MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQY214HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation
KAQY217HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1 2 COSMO Electronics Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn