Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7377L-J15-D-T Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza TDA7377L-J15-D-T
Descripción Electrónicos  2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7377L-J15-D-T Datasheet(HTML) 3 Page - Unisonic Technologies

  TDA7377L-J15-D-T Datasheet HTML 1Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 2Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 3Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 4Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 5Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 6Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 7Page - Unisonic Technologies TDA7377L-J15-D-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TDA7377
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R107-064.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Supply Voltage
VOP
18
V
DC Supply Voltage
VS
28
V
Peak Supply Voltage (for t = 50ms)
VS(PEAK)
50
V
not Repetitive t = 100µs
4.5
A
Output Peak Current
Repetitive f >10Hz
IO(PEAK)
3.5
A
Power Dissipation (TC= 85°C)
PD
36
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
1.8
°C/W
ELECTRICAL CHARACTERISTICS
(VS = 14.4V; RL = 4Ω; f = 1 KHz; Ta =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VS
8
18
V
IN
VI(ST-BY)
1.5
ST-BY Threshold Voltage
OUT
VO(ST-BY)
3.5
V
Voltage Saturation on pin 10
VSAT
Sink Current at Pin 10 = 1mA
0.7
V
Output Offset Voltage
VO(OFF)
150
mV
Non Inverting Channels
2
Rg = 0; S.E.
”A” weighted,
Inverting Channels
5
µV
Input Noise Voltage
eN
Bridge, Rg = 0; 22Hz ~ 22KHz
3.5
µV
Total Quiescent Drain Current
IQ
RL = ∞
150
mA
Max Driving Current Under Fault
5
mA
ST-BY Pin Current(pin 7)
IST-BY
Play Mode Vpin7 = 5V
50
µA
ST-BY Current Consumption
IST-BY
VST-BY = 0 ~ 1.5V
100
µA
OFF
ICD(OFF) d = 1% (Note 2)
90
µA
Clipping Detector Output
Average Current
ON
ICD(ON) d = 5% (Note 2)
160
µA
Single Ended
20
30
Input Impedance
RIN
Bridge
10
15
KΩ
Bridge
18
20
Single Ended
5.5
6
Output Power
POUT
THD = 10%;
RL = 4Ω
Single Ended, RL = 2Ω
10
W
Max
PO(MAX) VS = 14.4V, Bridge
31
35
W
Output Power (Note 3)
EIAJ
PO(EIAJ) VS = 13.7V, Bridge
27
30
W
Single Ended, POUT=0.1~4W
0.02
Distortion
THD
RL = 4Ω
Bridge, POUT = 0.1 ~ 10W
0.03
0.3
%
f = 1KHz Single Ended
f = 10KHz Single Ended
70
60
dB
dB
Cross Talk
CT
f = 1KHz Bridge
f = 10KHz Bridge
55
60
dB
dB
Single Ended
19
20
21
dB
Voltage Gain
GV
Bridge
25
26
27
dB
Voltage Gain Match
GV
0.5
dB
Supply Voltage Rejection
SVR
Rg = 0; f = 300Hz
50
dB
Stand-by Attenuation
AST-BY PO = 1W
80
90
dB
Note: 1. See built-in S/C protection description
2. Pin 10 Pulled-up to 5V with 10KΩ; RL = 4Ω
3. Saturated square wave output.


Número de pieza similar - TDA7377L-J15-D-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TDA7377L-J15-D-T UTC-TDA7377L-J15-D-T Datasheet
349Kb / 10P
   30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results

Descripción similar - TDA7377L-J15-D-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TDA7377 UTC-TDA7377_15 Datasheet
349Kb / 10P
   30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
D7377 ETC-D7377 Datasheet
486Kb / 11P
   2×30W Dual/Quad Power Amplifier for Car Radio D7377
logo
STMicroelectronics
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
   2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
   2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
   2 x 35W dual/quad power amplifier for car radio
September 2013 Rev. 5
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
   2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7375A STMICROELECTRONICS-TDA7375A Datasheet
192Kb / 14P
   2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
   2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7375A STMICROELECTRONICS-TDA7375A_05 Datasheet
651Kb / 15P
   2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com